Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDI108 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # FDI108
Description  1 AMP FAST RECOVERY BRIDGE RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

FDI108 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  FDI108 Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
Data Sheet No. FRDI-100-1B
MECHANICAL SPECIFICATION
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
PRV Ratings from 50 to 1000 Volts
Surge overload rating to 50 Amps peak
Reliable low cost molded plastic construction
Ideal for printed circuit board applications
Fast switching for high efficiency
G1
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
C
D
L
L1
B
B1
B2
ACTUAL SIZE OF
THE FDI PACKAGE
* This dimension is "Typical".
0.310
0.016
0.355
0.125
0.165
A
A1
B
B1
B2
C
D
L
L1
0.350
Sym
in
in
mm
mm
Minimum
Maximum
0.245
6.2
0.300
7.6
9.3
4.3
3.2
0.195
5.0
0.41
0.205
5.2
8.9
8.9
+
_
DT
FDI104
A
A1
+
_
DT
FDI104
+
SERIES FDI100 - FDI110
UL RECOGNIZED - FILE #E124962
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Average Forward Rectified Current @ T = 40 C
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
V
V
V
SYMBOL
FDI
FDI
RATINGS
UNITS
VOLTS
FDI
FDI
FDI
FDI
FDI
50
100
200
400
1000
35
70
140
280
700
1
Peak Forward Surge Current (8.3mS single half sine wave
superimposed on rated load)
Maximum Forward Voltage at 1 Amp DC
VOLTS
AMPS
V
I
50
1.3
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
I
R
°C/W
mA
A
@ T = 25 C
@ T = 25 C
@ T = 100 C
10
1
40
Maximum Thermal Resistance, Junction to Ambient (Note 2)
Junction Operating and StorageTemperature Range
T T
T
°C
-55 to +150
600
800
50
100
200
400
1000
600
800
420
560
100
101
102
104
106
108
110
Maximum Reverse Recovery Time (Note 1)
200
300
500
nS
Case:
Terminals: Rectangular pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on case
Mounting Position: Any
Weight: 0.05 Ounces (1.3 Grams)
Molded Epoxy (UL Flammability Rating 94V-0)
RoHS COMPLIANT
MECHANICAL DATA


Similar Part No. - FDI108

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDI12N50 FAIRCHILD-FDI12N50 Datasheet
366Kb / 9P
N-Channel MOSFET 500V, 11.5A, 0.65廓
FDI12N50TU FAIRCHILD-FDI12N50TU Datasheet
366Kb / 9P
N-Channel MOSFET 500V, 11.5A, 0.65廓
logo
3M Electronics
FDI14-250 3M-FDI14-250 Datasheet
31Kb / 2P
Highland Terminals
FDI14-250Q 3M-FDI14-250Q Datasheet
31Kb / 2P
Highland Terminals
logo
Fairchild Semiconductor
FDI150N10 FAIRCHILD-FDI150N10 Datasheet
563Kb / 8P
N-Channel PowerTrench짰 MOSFET 100 V, 57 A, 16 m廓
More results

Similar Description - FDI108

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FSB200 DEC-FSB200 Datasheet
233Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDB2500P DEC-FDB2500P Datasheet
459Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDB3500P DEC-FDB3500P Datasheet
451Kb / 2P
35 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
1N5615 NJSEMI-1N5615 Datasheet
104Kb / 1P
RECTIFIERS Fast Recovery, 1 Amp
logo
DIOTEC Electronics Corp...
FRDI-100-1B DEC-FRDI-100-1B Datasheet
261Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
BFSB-200-1B DEC-BFSB-200-1B Datasheet
235Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
01FDI DEC-01FDI Datasheet
261Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
1-5FWB DEC-1-5FWB Datasheet
76Kb / 2P
1.5 AMP FAST RECOVERY BRIDGE RECTIFIERS
25FDBP DEC-25FDBP Datasheet
462Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
VE08X NJSEMI-VE08X Datasheet
88Kb / 1P
1 Amp Fast Recovery Time Epoxy Bridge Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com