Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP408 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # GP408
Description  4 AMP HIGH RELIABILITY SOFT GLASS PASSIVATED SILICON DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

GP408 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  GP408 Datasheet HTML 1Page - DIOTEC Electronics Corporation GP408 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
FEATURES
Data Sheet No. GPPD-400-1B
MECHANICAL SPECIFICATION
4 AMP HIGH RELIABILITY SOFT GLASS PASSIVATED SILICON DIODES
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
Average Forward Rectified Current @ T = 75 C,
Lead length = 0.375 in. (9.5 mm)
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Peak Forward Surge Current (8.3 mSec single half sine wave
superimposed on rated load)
Maximum Forward Voltage at 4 Amps DC
Typical Thermal Resistance, Junction to Ambient (Note 1)
Operating and Storage Temperature Range
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
I
R
T T
I
V
V
V
SYMBOL
RATINGS
VOLTS
°C/W
°C
AMPS
UNITS
VOLTS
V
I
Typical Junction Capacitance (Note 2)
C
pF
@ T = 25 C
@ T = 100 C
Case: JEDEC DO-27 molded epoxy (U/L Flammability Rating 94V-0)
Terminals: Plated axial leads
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.02 Ounces (0.7 Grams)
H17
MECHANICAL DATA
Color Band
Denotes
Cathode
LD (Dia)
BD (Dia)
LL
BL
LL
Maximum Full Cycle Reverse Current @ T = 75 C (Note 1)
SERIES GP400 - GP410
Sym
In
mm
Minimum
Maximum
BL
BD
LL
LD
1.00
0.048
In
mm
0.365
0.205
0.052
9.28
5.2
1.3
25.4
1.2
DO - 27
EXTREMELY LOW LEAKAGE AT HIGH TEMPERATURES
LOW FORWARD VOLTAGE DROP
4A at T = 75 C WITH NO THERMAL RUNAWAY
A
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
R
PROPRIETARY
JUNCTION
PASSIVATION FOR SUPERIOR RELIABILITY AND
PERFORMANCE
SOFT GLASS
A
u
RoHS
CO
MPLIANT


Similar Part No. - GP408

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GP40 XPPOWER-GP40 Datasheet
568Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Dynex Semiconductor
GP400DDM12 DYNEX-GP400DDM12 Datasheet
129Kb / 9P
Dual Switch IGBT Module Advance Information
GP400DDS12 DYNEX-GP400DDS12 Datasheet
100Kb / 10P
Powerline N-Channel Dual Switch IGBT Module
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
Dual Switch IGBT Module Preliminary Information
GP400LSS12 DYNEX-GP400LSS12 Datasheet
132Kb / 10P
Single Switch IGBT Module
More results

Similar Description - GP408

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
KBJ4005G FUJI-KBJ4005G Datasheet
751Kb / 1P
4 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
DIOTEC Electronics Corp...
GP100 DEC-GP100 Datasheet
330Kb / 2P
1 AMP HIGH RELIABILITY SILICON DIODES
GP200 DEC-GP200 Datasheet
366Kb / 2P
2 AMP SOFT GLASS PASSIVATED DIODES
logo
List of Unclassifed Man...
TL400G ETC2-TL400G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
logo
DIOTEC Electronics Corp...
1N5400G DEC-1N5400G Datasheet
389Kb / 2P
3 AMP SOFT GLASS PASSIVATED SILICON DIODES
logo
WILLAS ELECTRONIC CORP
GS1A WILLAS-GS1A Datasheet
492Kb / 2P
1.0 AMP GLASS PASSIVATED SILICON RECTIFIER
logo
Diotec Semiconductor
1N4001GP DIOTEC-1N4001GP Datasheet
95Kb / 2P
Glass Passivated Silicon Rectifier Diodes
1N4002GP DIOTEC-1N4002GP_15 Datasheet
96Kb / 2P
Glass Passivated Silicon Rectifier Diodes
logo
Shenzhen Luguang Electr...
1N4001SG LUGUANG-1N4001SG Datasheet
1Mb / 2P
1.0 AMP. Glass Passivated Silicon Recrifiers
logo
SeCoS Halbleitertechnol...
MB205_15 SECOS-MB205_15_07 Datasheet
248Kb / 2P
2.0 Amp Glass Passivated Bridge Rectifiers Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com