Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WWSNWW3JB10K0 Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # WWSNWW3JB10K0
Description  General Purpose and Precision Wirewound Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

WWSNWW3JB10K0 Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  WWSNWW3JB10K0 Datasheet HTML 1Page - Stackpole Electronics, Inc. WWSNWW3JB10K0 Datasheet HTML 2Page - Stackpole Electronics, Inc. WWSNWW3JB10K0 Datasheet HTML 3Page - Stackpole Electronics, Inc. WWSNWW3JB10K0 Datasheet HTML 4Page - Stackpole Electronics, Inc. WWSNWW3JB10K0 Datasheet HTML 5Page - Stackpole Electronics, Inc. WWSNWW3JB10K0 Datasheet HTML 6Page - Stackpole Electronics, Inc. WWSNWW3JB10K0 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev Date: 11/29/2021
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
WW / MWW / NWW / WWS Series
General Purpose and Precision Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
(1)
(2)
Dimension "E":
This is a non-critical dimension that does not have a tolerance in the standard.
Range of diameters is from 0.547 inches (13.90 mm) to 1.500 inches (38.10 mm).
Reference value only. The "A" dimension shall be governed by the overall length of the taped component.
The distance between flanges shall be 0.059 inches (1.50 mm) to 0.315 (8.00 mm) greater than the overall component.
The given dimension "D" expresses the standard width spacing. A 26mm narrow spacing is available as option "N" packaging code.
Packaging Specifications
Type/Code
A max
.(1)
B max
Tape
Unit
2.880
11.000
0.197 ± 0.020
2.063 ± 0.079
0.250
inches
73.15
279.40
5.00 ± 0.50
52.40 ± 2.00
6.35
mm
2.880
11.000
0.197 ± 0.020
2.063 ± 0.079
0.250
inches
73.15
279.40
5.00 ± 0.50
52.40 ± 2.00
6.35
mm
2.880
11.000
0.197 ± 0.020
2.063 ± 0.079
0.250
inches
73.15
279.40
5.00 ± 0.50
52.40 ± 2.00
6.35
mm
2.880
11.000
0.197 ± 0.020
2.063 ± 0.079
0.250
inches
73.15
279.40
5.00 ± 0.50
52.40 ± 2.00
6.35
mm
2.880
11.000
0.197 ± 0.020
2.063 ± 0.079
0.250
inches
73.15
279.40
5.00 ± 0.50
52.40 ± 2.00
6.35
mm
2.880
11.000
0.197 ± 0.020
2.063 ± 0.079
0.250
inches
73.15
279.40
5.00 ± 0.50
52.40 ± 2.00
6.35
mm
2.880
11.000
0.394 ± 0.020
2.063 ± 0.079
0.250
inches
73.15
279.40
10.00 ± 0.50
52.40 ± 2.00
6.35
mm
2.880
11.000
0.394 ± 0.020
2.500 ± 0.079
0.250
inches
73.15
279.40
10.00 ± 0.50
63.50 ± 2.00
6.35
mm
3.740
11.000
0.394 ± 0.020
2.874 ± 0.079
0.250
inches
95.00
279.40
10.00 ± 0.50
73.00 ± 2.00
6.35
mm
3.740
11.000
0.394 ± 0.020
2.874 ± 0.079
0.250
inches
95.00
279.40
10.00 ± 0.50
73.00 ± 2.00
6.35
mm
3.740
11.000
0.394 ± 0.020
2.874 ± 0.079
0.250
inches
95.00
279.40
10.00 ± 0.50
73.00 ± 2.00
6.35
mm
5.100
11.000
0.394 ± 0.020
4.375 ± 0.079
0.250
inches
129.54
279.40
10.00 ± 0.50
111.13 ± 2.00
6.35
mm
3.311
13.504
0.197 ± 0.020
2.063 ± 0.079
0.250
inches
84.10
343.00
5.00 ± 0.50
52.40 ± 2.00
6.35
mm
3.484
13.504
0.394 ± 0.020
2.063 ± 0.079
0.250
inches
88.50
343.00
10.00 ± 0.50
52.40 ± 2.00
6.35
mm
3.850
13.504
0.394 ± 0.020
2.874 ± 0.079
0.250
inches
97.80
343.00
10.00 ± 0.50
73.00 ± 2.00
6.35
mm
4.764
13.504
0.600 ± 0.020
4.375 ± 0.079
0.250
inches
121.00
343.00
15.24 ± 0.50
111.13 ± 2.00
6.35
mm
C
D
(2)
WW12
WW2, WWS3
NWW2, NWWS3
WW1A, NWW1A
WW1, WWS2
NWW1, NWWS2
MWW10, NMWW10
WW7B, WWS10
NWW7B, NWWS10
WW10, NWW10
WW3A, NWW3A
WW2A, NWW2A
WW3, WWS4
NWW3, NWWS4
WW4, WWS5
NWW4, NWWS5
WW7, NWW7
MWW1, NMWW1
MWW3, NMWW3
MWW5, NMWW5
WW5, WWS7
NWW5, NWWS7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com