Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WWSNWWS3JB10K0 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # WWSNWWS3JB10K0
Description  General Purpose and Precision Wirewound Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

WWSNWWS3JB10K0 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  WWSNWWS3JB10K0 Datasheet HTML 1Page - Stackpole Electronics, Inc. WWSNWWS3JB10K0 Datasheet HTML 2Page - Stackpole Electronics, Inc. WWSNWWS3JB10K0 Datasheet HTML 3Page - Stackpole Electronics, Inc. WWSNWWS3JB10K0 Datasheet HTML 4Page - Stackpole Electronics, Inc. WWSNWWS3JB10K0 Datasheet HTML 5Page - Stackpole Electronics, Inc. WWSNWWS3JB10K0 Datasheet HTML 6Page - Stackpole Electronics, Inc. WWSNWWS3JB10K0 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev Date: 11/29/2021
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
WW / MWW / NWW / WWS Series
General Purpose and Precision Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – Non-Inductive Styles
Mechanical Specifications
@ 125°C
@ 70°C
NWW12
-
0.4
0.5
NWW1
-
1
1.1
NWW1A
RW-70
1
1.3
NWW2
RW-69
1.5
2.1
NWWS2
-
2.5
2.6
NWW2A
-
2.5
2.6
NWW3
RW-79
3
3.2
NWWS3
-
3
3.2
NWW3A
-
3
3.4
NWW4
-
4
4.3
NWWS4
RW-79
4
4.3
NWW5
RW-67, RW-74
5
5.1
NWWS5
-
5
5.1
NWW7
-
6.5
7.2
NWWS7
RW-67, RW-74
6.5
7.2
NWW7B
-
7
7.7
NWW10
RW-78
10
11
NWWS10
-
10
11
NMWW1
RW-70
1
1.3
NMWW3
RW-79
3
3.2
NMWW5
RW-67, RW-74
5
5.5
NMWW10
RW-68, RW-74
10
11
Max Voltage Rating =
TCR (ppm/ºC)
Power Rating (Watts)
1 - 35K
1 - 25K
1 - 35K
< 1 Ω = ± 90 ppm/ºC
1 Ω to 10 Ω = ± 50 ppm/ºC
> 10 Ω = ± 20 ppm/ºC
2 - 20K
2 - 40K
1 - 15K
1 - 20K
1 - 11K
1 - 5K
1 - 5K
1 - 11K
3 - 5K
(*) Other resistance values available - contact Stackpole for details.
Ohmic Range (Ω) and Tolerance
(*)
1 - 50K
1 - 35K
5 - 1K
3 - 10K
1 - 25K
1 - 20K
< 1 Ω = ± 90 ppm/ºC
1 Ω to 10 Ω = ± 50 ppm/ºC
> 10 Ω = ± 20 ppm/ºC
10 - 1K
1% and 5%
2 - 1.5K
1 - 2.5K
1 - 5K
Type/Code
MIL-R-26 Ref.
0.312 ± 0.062
0.110 ± 0.031
0.025 ± 0.002
1.500 typ.
inches
7.92 ± 1.57
2.79 ± 0.79
0.64 ± 0.05
38.10 typ.
mm
0.375 ± 0.062
0.110 ± 0.031
0.025 ± 0.002
1.500 typ.
inches
9.53 ± 1.57
2.79 ± 0.79
0.64 ± 0.05
38.10 typ.
mm
0.420 ± 0.062
0.110 ± 0.031
0.025 ± 0.002
1.500 typ.
inches
10.67 ± 1.57
2.79 ± 0.79
0.64 ± 0.05
38.10 typ.
mm
0.370 ± 0.062
0.156 ± 0.031
0.032 ± 0.002
1.500 typ.
inches
9.40 ± 1.57
3.96 ± 0.79
0.81 ± 0.05
38.10 typ.
mm
0.550 ± 0.062
0.156 ± 0.031
0.032 ± 0.002
1.500 typ.
inches
13.97 ± 1.57
3.96 ± 0.79
0.81 ± 0.05
38.10 typ.
mm
0.560 ± 0.062
0.187 ± 0.031
0.032 ± 0.002
1.500 typ.
inches
14.22 ± 1.57
4.75 ± 0.79
0.81 ± 0.05
38.10 typ.
mm
0.500 ± 0.062
0.218 ± 0.031
0.032 ± 0.002
1.500 typ.
inches
12.70 ± 1.57
5.54 ± 0.79
0.81 ± 0.05
38.10 typ.
mm
0.700 ± 0.062
0.270 ± 0.031
0.036 ± 0.002
1.500 typ.
inches
17.78 ± 1.57
6.86 ± 0.79
0.91 ± 0.05
38.10 typ.
mm
A
B
C
Unit
Type/Code
D
(Bulk)
(1)
/
/
/
/
/
WW12
WW3, WWS4
WW3A
WW4, WWS5
WW1, WWS2
WW1A
WW2, WWS3
WW2A
NWW12
NWW1, NWWS2
NWW1A
NWW2, NWWS3
NWW2A
NWW3, NWWS4
/
/
NWW3A
NWW4, NWWS5
/



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com