Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASB404L Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # ASB404L
Description  4 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

ASB404L Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  ASB404L Datasheet HTML 1Page - DIOTEC Electronics Corporation ASB404L Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. BRSB-400-1C
ABSB-400-1C
MECHANICAL SPECIFICATION
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
E15
4 AMP SILICON BRIDGE RECTIFIERS
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
SURGE OVERLOAD RATING TO 200 AMPS PEAK
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
Case:
Terminals: Round silver plated copper pins
Soldering: Per MIL-STD 202 Method 208 guaranteed )
Polarity: Marked on case
Mounting Position: Any.
Weight: 0.2 Ounces (5.6 Grams)
Molded Epoxy (UL Flammability Rating 94V-0)
ACTUAL SIZE OF
SB4 PACKAGE
D
D1
0.750
19.1
19.3
5.59
2.06
0.061
0.220
0.760
L
L1
1.22
1.32
0.048
0.052
15.62
14.38*
15.88
0.615
0.566*
0.625
1.2
1.0
27.94
25.4
n/a
n/a
n/a
n/a
n/a
n/a
6.4
6.65
0.252
0.262
0.065
2.18
4.57
0.180
A
A1
B
B1
C
SYM
MILLIMETERS
INCHES
MIN
MIN
MAX
MAX
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
T , T
I
°C
Average Forward Rectified Current @ T = 50 C
Peak Forward Surge Current. Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method) T = 150 C
Junction Operating and Storage Temperature Range
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Working Peak Reverse Voltage
Series Number
V
V
V
V
SYMBOL
AMPS
UNITS
VOLTS
RMS Reverse Voltage
Thermal Energy (Rating for Fusing)
I t
AMPS
SEC
I
V
Maximum Forward Voltage (Per Diode) at 4 Amps DC
VOLTS
VOLTS
Minimum Avalanche Voltage
Maximum Avalanche Voltage
V
V
Maximum Reverse Current at Rated V
@ T = 25 C
@T = 125 C
I
Minimum Insulation Breakdown Voltage (Circuit to Case)
V
A
C/W
RATINGS
L
L1
B
B1
D
D1
C
+
_
A
A1
SERIES:
SB400L - SB410L
ASB404L - ASB408L
DT
SB404L
+
_
DT
SB404L
+
_
UL RECOGNIZED - FILE #E124962
Typical Thermal Resistance
R
R
Junction to Ambient (Note 1)
Junction to Lead (Note 2)
RoHS COMPLIANT
MECHANICAL DATA


Similar Part No. - ASB404L

ManufacturerPart #DatasheetDescription
logo
Lumberg
ASB4-LED5-4-328-10M LUMBERG-ASB4-LED5-4-328-10M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
ASB4-LED5-4-328-5M LUMBERG-ASB4-LED5-4-328-5M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
ASB4-LED5-4-328-RS120M LUMBERG-ASB4-LED5-4-328-RS120M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
ASB45-4-328-10M LUMBERG-ASB45-4-328-10M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
ASB45-4-328-5M LUMBERG-ASB45-4-328-5M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
More results

Similar Description - ASB404L

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
KBL00 DEC-KBL00 Datasheet
349Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
SBU4A DEC-SBU4A Datasheet
469Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
BKBL-400-1C DEC-BKBL-400-1C Datasheet
352Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
BRSB-400-1C DEC-BRSB-400-1C Datasheet
394Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
BSBU-400-1C DEC-BSBU-400-1C Datasheet
472Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
04KBL DEC-04KBL Datasheet
352Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
04SBL DEC-04SBL Datasheet
394Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
04SBU DEC-04SBU Datasheet
472Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com