Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPR34 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # SPR34
Description  3 AMP SUPER-EFFICIENT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

SPR34 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  SPR34 Datasheet HTML 1Page - DIOTEC Electronics Corporation SPR34 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MECHANICAL DATA
FEATURES
Data Sheet No. SESA-300-1B
MECHANICAL SPECIFICATION
3 AMP SUPER-EFFICIENT RECTIFIERS
C7
Color Band
Denotes
Cathode
LD (Dia)
BD (Dia)
LL
BL
LL
DO - 27
Sym
In
mm
Minimum
Maximum
BL
BD
LL
LD
1.00
0.048
In
mm
0.365
0.205
0.052
9.28
5.2
1.3
25.4
1.2
SERIES SPR30 - SPR34
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
SYMBOL
RATINGS
UNITS
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
LOW SWITCHING NOISE
LOW THERMAL RESISTANCE
HIGH SWITCHING CAPABILITY
LOW FORWARD VOLTAGE DROP
R
PROPRIETARY
JUNCTION
PASSIVATION FOR SUPERIOR RELIABILITY AND
PERFORMANCE
SOFT GLASS
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)


Similar Part No. - SPR34

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SPR3 KOA-SPR3 Datasheet
299Kb / 3P
power carbon film leaded resistor
logo
SeCoS Halbleitertechnol...
SPR35P03 SECOS-SPR35P03 Datasheet
336Kb / 4P
P-Channel Enhancement Mode Power MOSFET
SPR35P03 SECOS-SPR35P03_15 Datasheet
336Kb / 4P
P-Channel Enhancement Mode Power MOSFET
logo
KOA Speer Electronics, ...
SPR3CT26A103F KOA-SPR3CT26A103F Datasheet
103Kb / 2P
power carbon film leaded resistor
SPR3CT26A103F KOA-SPR3CT26A103F Datasheet
269Kb / 2P
power carbon film leaded resistor
More results

Similar Description - SPR34

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VHE1403 ETC-VHE1403 Datasheet
64Kb / 2P
12 AMP SUPER EFFICIENT RECTIFIERS
logo
DIOTEC Electronics Corp...
SPR51 DEC-SPR51 Datasheet
520Kb / 2P
5 AMP SUPER-EFFICIENT RECTIFIERS
SPR81 DEC-SPR81 Datasheet
444Kb / 2P
8 AMP SUPER-EFFICIENT RECTIFIERS
SPR161C DEC-SPR161C Datasheet
435Kb / 2P
16 AMP SUPER-EFFICIENT RECTIFIERS
SPR1001C DEC-SPR1001C Datasheet
433Kb / 2P
10 AMP SUPER-EFFICIENT RECTIFIERS
SPR1601C DEC-SPR1601C Datasheet
434Kb / 2P
16 AMP SUPER-EFFICIENT RECTIFIERS
8SPR01 DEC-8SPR01 Datasheet
447Kb / 2P
8 AMP SUPER-EFFICIENT RECTIFIERS
12SPR01 DEC-12SPR01 Datasheet
448Kb / 2P
12 AMP SUPER-EFFICIENT RECTIFIERS
SPR11 DEC-SPR11 Datasheet
392Kb / 2P
1 AMP SUPER-EFFICIENT RECTIFIERS
SESA-300-1B DEC-SESA-300-1B Datasheet
395Kb / 2P
3 AMP SUPER-EFFICIENT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com