Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5446 Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # 2SC5446
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5446 Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button 2SC5446 Datasheet HTML 24Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 25Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 26Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 27Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 28Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 29Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 30Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 31Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
Alignment and Adjustments
4-17
4-8-2 Pin Assignment Specification (Continued)
PIN NO
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
FUNCTION
I/O
N.C.
GND
Vdd
N.C.
N.C.
Reset
X-In
X-Out
GND
Vdd
R
G
B
COR
Vdd
GND
Vdd
I/O
I/O
N.C.
N.C.
I/O
I/O
N.C.
I/O
ASSIGN
Relay
VDD 3.3V
Reset
X-TAL In
X-TAL Out
VDD 2.5V
OSD-R
OSD-G
OSD-B
CORE
VDD 2.5V
VDD 3.3V
PX.Y
PX.Y
S-Mute
Power
Tilt
IN/OUT
Out
In
In
Out
Out
Out
Out
Out
In
Out
Out
Out
Out
ACTIVE H/L
Low
Low
6MHz
6MHz
High
Low
PWM
DESCRIPTION
Activate Degausssing Coil
Not Used (Programmed Gound Level)
Analog Ground
Not Used (Programmed Gound Level)
Not Used (Programmed Gound Level)
Micom Hardware Reset
Crystal Oscillation Input
Crystal Oscillation Output
Analog Ground
Analog B+
OSD/TTX Output (Red)
OSD/TTX Output (Green)
OSD/TTX Output (Blue)
Fast Blank/Half Contrast Output
When The Caption Function Adopted, Used.
Not Used (Programmed Gound Level)
Sound Amp Mute
Picture On/Off Control
Not Used (Programmed Gound Level)
Tilt Control Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com