Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC083000 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC083000
Description  High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC083000 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC083000 Datasheet HTML 17Page - National Semiconductor (TI) ADC083000 Datasheet HTML 18Page - National Semiconductor (TI) ADC083000 Datasheet HTML 19Page - National Semiconductor (TI) ADC083000 Datasheet HTML 20Page - National Semiconductor (TI) ADC083000 Datasheet HTML 21Page - National Semiconductor (TI) ADC083000 Datasheet HTML 22Page - National Semiconductor (TI) ADC083000 Datasheet HTML 23Page - National Semiconductor (TI) ADC083000 Datasheet HTML 24Page - National Semiconductor (TI) ADC083000 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
1.0 Functional Description (Continued)
power consumption. If the LVDS lines are long and/or the
system in which the ADC083000 is used is noisy, it may be
necessary to tie the OutV pin high.
The LVDS data output have a typical common mode voltage
of 800mV when the V
BG pin is unconnected and floating.
This common mode voltage can be increased to 1.2V by
tying the V
BG pin to VA if a higher common mode is required.
1.1.7 Power Down
The ADC083000 is in the active state when the Power Down
pin (PD) is low. When the PD pin is high, the device is in the
power down mode. In this power down mode the data output
pins (positive and negative) including DCLK+/- and OR +/-
are put into a high impedance state and the devices power
consumption is reduced to a minimal level.
If the PD input is brought high while a calibration is running,
the device will not go into power down until the calibration
sequence is complete. However, if power is applied and PD
is already high, the device will not begin the calibration
sequence until the PD input goes low. If a manual calibration
is requested while the device is powered down, the calibra-
tion will not begin at all. That is, the manual calibration input
is completely ignored in the power down state.
1.2 NORMAL/EXTENDED CONTROL
The ADC083000 may be operated in one of two modes. In
the simpler standard control mode, the user affects available
configuration and control of the device through several con-
trol pins. The "extended control mode" provides additional
configuration and control options through a serial interface
and a set of 6 registers. The two control modes are selected
with pin 14 (FSR/ECE: Extended Control Enable). The
choice of control modes is required to be a fixed selection
and is not intended to be switched dynamically while the
device is operational.
Table 2 shows how several of the device features are af-
fected by the control mode chosen.
TABLE 2. Features and modes
Feature
Normal Control Mode
Extended Control Mode
SDR or DDR Clocking
Selected with pin 4
Selected with DE bit in the
Configuration Register
DDR Clock Phase
Not Selectable (0˚ Phase Only)
Selected with DCP bit in the
Configuration Register. See Section
1.4 REGISTER DESCRIPTION
SDR Data transitions with rising or
falling DCLK edge
Selected with pin 4
Selected with the OE bit in the
Configuration Register
LVDS output level
Selected with pin 3
Selected with the OV bit (9)in the
Configuration Register
Power-On Calibration Delay
Delay Selected with pin 127
Short delay only.
Full-Scale Range
Options (650 mV
P-P or 870 mVP-P)
selected with pin 14. Selected range
applies to both channels.
Up to 512 step adjustments over a
nominal range of 560 mV to 840 mV.
Selected using registers 3H.
Input Offset Adjust
Not possible
Separate ±45 mV adjustments in 512
steps using registers 2h.
Sampling Clock Phase Adjustment
The Clock Phase is adjusted
automatically
The clock phase can be adjusted
manually through the Coarse & Fine
registers (Eh and Dh).
Test Pattern
Not Possible
A test pattern can be made present at
the data outputs by programming
register Fh.
Resistor Trim Disable
Not possible
The DCLK outputs will continuously be
present when bit 5 is set 1b in register
1h.
Selectable Output Demultiplexer
Not possible
If the device is set in DDR, the output
can be programmed to be 1:2
demultiplexed. Bit 0 in register 1h is
set 1b, this selects 1:2 demultiplex. If
bit 0 is 0b, this selects 1:4 demultiplex.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com