Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1428AS2 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # A1428AS2
Description  DIP PLUG PITCH:2.54mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

A1428AS2 Datasheet(HTML) 1 Page - DB Lectro Inc

  A1428AS2 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - A1428AS2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1421 ALLEGRO-A1421 Datasheet
1Mb / 15P
High Accuracy Analog Speed Sensor with Integrated Filter Capacitor
A1421 ALLEGRO-A1421 Datasheet
1Mb / 16P
High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor
A1421 ALLEGRO-A1421 Datasheet
1Mb / 15P
High Precision Hall Effect AC-Coupled Differential Sensor IC
A1421LK ALLEGRO-A1421LK Datasheet
1Mb / 15P
High Accuracy Analog Speed Sensor with Integrated Filter Capacitor
A1421LK-T ALLEGRO-A1421LK-T Datasheet
1Mb / 16P
High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor
More results

Similar Description - A1428AS2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A11 DBLECTRO-A11 Datasheet
241Kb / 1P
DIP PLUG PITCH 2.54mm
A11B DBLECTRO-A11B Datasheet
301Kb / 1P
DIP PLUG H:6.0mm PITCH:2.54mm
A13 DBLECTRO-A13 Datasheet
238Kb / 1P
DIP PLUG PITCH:2.54mm
A29A DBLECTRO-A29A Datasheet
248Kb / 1P
ULTRA DIP PLUG
logo
Adam Technologies, Inc.
FDP-XX-G ADAM-TECH-FDP-XX-G Datasheet
130Kb / 1P
FLAT CABLE DIP PLUG
FTR-XX-T ADAM-TECH-FTR-XX-T Datasheet
190Kb / 1P
IDC DIP PLUG
FTR-XX-T-30-GY ADAM-TECH-FTR-XX-T-30-GY Datasheet
77Kb / 1P
IDC DIP PLUG
FTR-XX-T-HT ADAM-TECH-FTR-XX-T-HT Datasheet
235Kb / 1P
IDC DIP PLUG
HFTR-XX-SG ADAM-TECH-HFTR-XX-SG Datasheet
184Kb / 1P
DIP PLUG CONNECTOR
HFTR-XX-T ADAM-TECH-HFTR-XX-T Datasheet
174Kb / 1P
DIP PLUG CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com