Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232RQ Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT232RQ
Description  Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RQ Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT232RQ Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
FT232R USB UART I.C. Datasheet Version 1.04
© Future Technology Devices International Ltd. 2005
Page 13
5.2 QFN-32 Package Dimensions
Figure 7 - QFN-32 Package Dimensions
The FT232RQ is supplied in a RoHS compliant leadless QFN-32 package. The package is lead ( Pb ) free, and uses
a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package has a compact 5.00mm x 5.00mm body. The solder pads are on a 0.50mm pitch. The above mechanical
drawing shows the QFN-32 package – all dimensions are in millimetres.
The centre pad on the base of the FT232RQ is not internally connected, and can be left unconnected, or connected to
ground (recommended).
The date code format is
YYXX where XX = 2 digit week number, YY = 2 digit year number.
Indicates Pin #1
(Laser Marked)
FT232RQ
32
25
24
17
16
9
8
1
YYXX-A
FTDI
5.000
18
9
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
17
19
20
21
22
23
24
25 26 27 28 29 30 31 32
3.200 +/-0.100
0.500
0.250
+/-0.050
0.200 Min
0.500
+/-0.050
0.150 Max
Pin #1 ID
0.800
+/-0.050
0.200
0.050
0.900
+/-0.100
TOP
BOTTOM
SIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com