Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # HVLED007TR
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button HVLED007TR Datasheet HTML 11Page - STMicroelectronics HVLED007TR Datasheet HTML 12Page - STMicroelectronics HVLED007TR Datasheet HTML 13Page - STMicroelectronics HVLED007TR Datasheet HTML 14Page - STMicroelectronics HVLED007TR Datasheet HTML 15Page - STMicroelectronics HVLED007TR Datasheet HTML 16Page - STMicroelectronics HVLED007TR Datasheet HTML 17Page - STMicroelectronics HVLED007TR Datasheet HTML 18Page - STMicroelectronics HVLED007TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
DS12866 Rev 1
15/33
HVLED007
Application information
33
Table 7. Control quantities in a HVLED007-based Hi-PF QR flyback converter
Table 8. Electrical quantities in a HVLED007-based Hi-PF QR flyback converter
Eq. #
Parameter
Expression
1
Control voltage
2
ICS charge current
3
Current reference
4
Peak-to-peak current reference ripple at
switching frequency
Vc =
4
Kv
2
-------
Pin
V R
2
--------- Rs
Km Kp
-----------------
IMULT
 = 4
Kv
------
Pin
V R
--------- Rs
Rt
-------- sin
Vcsref
 = 4 Rs
Pin
V R
--------- sin
1 + Kv sin
Kv
-------------------------------
Vcs
ref
 = 1
Rt Ct
------------
4Pin
Kv VR
--------------- sin


2 Rs Lp
V R
--------------- 1 + Kv sin
Eq. #
Parameter
Expression
1
Peak envelope of primary current
2
Primary peak current
3
Primary rms current
4
Primary DC current
5
Primary AC current
6
Secondary peak current
Ip pk
 = 4
Pin
V R
-------- sin
1 + Kv sin
Kv
-------------------------------
Ip pk = 4
Pin
V R
--------
1 + Kv
Kv
--------------------
Iprms = 4
Pin
V R
-------- 1
Kv
------ 1
6
---
4
9
------ Kv
+
Ipdc =
4
 K
v
-----------
Pin
V R
--------
Ipac = 4
Pin
V R
-------- 1
Kv
------ 1
6
---
1
2
-----
–
4
9
------ Kv
+
Is pk = 4
1 + Kv
Kv
------------------Iout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com