Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL110N4F7AG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STL110N4F7AG
Description  Automotive-grade N-channel 40 V, 3.3 mΩ typ., 108 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL110N4F7AG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STL110N4F7AG Datasheet HTML 6Page - STMicroelectronics STL110N4F7AG Datasheet HTML 7Page - STMicroelectronics STL110N4F7AG Datasheet HTML 8Page - STMicroelectronics STL110N4F7AG Datasheet HTML 9Page - STMicroelectronics STL110N4F7AG Datasheet HTML 10Page - STMicroelectronics STL110N4F7AG Datasheet HTML 11Page - STMicroelectronics STL110N4F7AG Datasheet HTML 12Page - STMicroelectronics STL110N4F7AG Datasheet HTML 13Page - STMicroelectronics STL110N4F7AG Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STL110N4F7AG
Revision history
DocID030194 Rev 3
13/14
5
Revision history
Table 9: Document revision history
Date
Revision
Changes
04-Jan-2017
1
First release
11-Jan-2017
2
Updated information on cover page.
03-Oct-2017
3
Updated title and features in cover page.
Updated Figure 2: "Safe operating area" and Figure 3: "Thermal
impedance".
Updated Section 4: "Package information".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com