Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL45N10F7AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL45N10F7AG
Description  Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL45N10F7AG Datasheet(HTML) 3 Page - STMicroelectronics

  STL45N10F7AG Datasheet HTML 1Page - STMicroelectronics STL45N10F7AG Datasheet HTML 2Page - STMicroelectronics STL45N10F7AG Datasheet HTML 3Page - STMicroelectronics STL45N10F7AG Datasheet HTML 4Page - STMicroelectronics STL45N10F7AG Datasheet HTML 5Page - STMicroelectronics STL45N10F7AG Datasheet HTML 6Page - STMicroelectronics STL45N10F7AG Datasheet HTML 7Page - STMicroelectronics STL45N10F7AG Datasheet HTML 8Page - STMicroelectronics STL45N10F7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STL45N10F7AG
Electrical ratings
DocID030342 Rev 1
3/15
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
100
V
VGS
Gate-source voltage
±20
V
ID(1)
Drain current (continuous) at TC = 25 °C
18
A
ID (1)
Drain current (continuous) at TC = 100 °C
18
A
IDM(2)
Drain current (pulsed)
72
A
PTOT
Total dissipation at TC = 25 °C
72
W
EAS(3)
Single pulse avalanche energy
150
mJ
TJ
Operating junction temperature range
-55 to 175
°C
Tstg
Storage temperature range
Notes:
(1)Limited by package.
(2)Pulse width limited by safe operating area.
(3)Starting Tj = 25 °C, ID = 9 A, VDD = 60 V
Table 3: Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
2.08
°C/W
Rthj-pcb (1)
Thermal resistance junction-pcb
31.3
°C/W
Notes:
(1)When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com