Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP410N4F7AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP410N4F7AG
Description  Automotive-grade N-channel 40 V, 1.5 m typ., 180 A STripFET™ F7 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP410N4F7AG Datasheet(HTML) 3 Page - STMicroelectronics

  STP410N4F7AG Datasheet HTML 1Page - STMicroelectronics STP410N4F7AG Datasheet HTML 2Page - STMicroelectronics STP410N4F7AG Datasheet HTML 3Page - STMicroelectronics STP410N4F7AG Datasheet HTML 4Page - STMicroelectronics STP410N4F7AG Datasheet HTML 5Page - STMicroelectronics STP410N4F7AG Datasheet HTML 6Page - STMicroelectronics STP410N4F7AG Datasheet HTML 7Page - STMicroelectronics STP410N4F7AG Datasheet HTML 8Page - STMicroelectronics STP410N4F7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STP410N4F7AG
Electrical ratings
DocID029380 Rev 1
3/13
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
40
V
VGS
Gate-source voltage
±20
V
ID(1)
Drain current (continuous) at Tcase = 25 °C
180
A
Drain current (continuous) at Tcase = 100 °C
180
IDM(2)
Drain current (pulsed)
720
A
PTOT
Total dissipation at Tcase = 25 °C
365
W
EAS(3)
Single pulse avalanche energy
1.9
J
Tstg
Storage temperature range
-55 to 175
°C
Tj
Operating junction temperature range
Notes:
(1) Current is limited by package, the current capability of the silicon is 350 A at 25 °C.
(2) Pulse width is limited by safe operating area.
(3)Tj ≤ 175 °C, Iav=80A
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.41
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com