Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS8DN6LF6AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS8DN6LF6AG
Description  Automotive-grade dual N-channel 60 V, 21 m typ., 8 A STripFET F6 Power MOSFET in a SO-8 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8DN6LF6AG Datasheet(HTML) 3 Page - STMicroelectronics

  STS8DN6LF6AG Datasheet HTML 1Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 2Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 3Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 4Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 5Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 6Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 7Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 8Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified.
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 250 µA
60
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 60 V
1
µA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = ±20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
2.5
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 4 A
21
24
mΩ
VGS = 4.5 V, ID = 4 A
22
26
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz, VGS = 0 V
-
1340
-
pF
Coss
Output capacitance
-
90
-
pF
Crss
Reverse transfer capacitance
-
60
-
pF
Qg
Total gate charge
VDD = 30 V, ID = 8 A, VGS = 10 V
(see Figure 13. Test circuit for gate
charge behavior)
-
27
-
nC
Qgs
Gate-source charge
-
4.6
-
nC
Qgd
Gate-drain charge
-
4.3
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 30 V, ID = 4 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 12. Test circuit for
resistive load switching times and
Figure 17. Switching time waveform)
-
9.6
-
ns
tr
Rise time
-
20
-
ns
td(off)
Turn-off delay time
-
56
-
ns
tf
Fall time
-
7
-
ns
STS8DN6LF6AG
Electrical characteristics
DS11953 - Rev 2
page 3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com