Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R06AF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH1R06AF
Description  600 V, 1 A, turbo 2 ultrafast rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06AF Datasheet(HTML) 5 Page - STMicroelectronics

  STTH1R06AF Datasheet HTML 1Page - STMicroelectronics STTH1R06AF Datasheet HTML 2Page - STMicroelectronics STTH1R06AF Datasheet HTML 3Page - STMicroelectronics STTH1R06AF Datasheet HTML 4Page - STMicroelectronics STTH1R06AF Datasheet HTML 5Page - STMicroelectronics STTH1R06AF Datasheet HTML 6Page - STMicroelectronics STTH1R06AF Datasheet HTML 7Page - STMicroelectronics STTH1R06AF Datasheet HTML 8Page - STMicroelectronics STTH1R06AF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
SOD128Flat package information
•
Epoxy meets UL94, V0
•
Lead-free package
Figure 12. SOD128Flat package outline
STTH1R06AF
Package information
DS12471 - Rev 3
page 5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com