Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7330 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7330
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7330 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7330 Datasheet HTML 1Page - Diodes Incorporated AP7330 Datasheet HTML 2Page - Diodes Incorporated AP7330 Datasheet HTML 3Page - Diodes Incorporated AP7330 Datasheet HTML 4Page - Diodes Incorporated AP7330 Datasheet HTML 5Page - Diodes Incorporated AP7330 Datasheet HTML 6Page - Diodes Incorporated AP7330 Datasheet HTML 7Page - Diodes Incorporated AP7330 Datasheet HTML 8Page - Diodes Incorporated AP7330 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP7330
Document number: DS40022 Rev. 2 - 2
2 of 13
www.diodes.com
February 2018
© Diodes Incorporated
AP7330
Pin Descriptions
Pin Number
Pin Name
Function
1
VIN
Power Input Pin
2
GND
Ground
3
EN
Enable Pin
This pin should be driven either high or low and must not be floating. Driving this pin high enables the regulator,
while pulling it low puts the regulator into shutdown mode
4
ADJ
Output Feedback Pin
5
VOUT
Power Output Pin
Functional Block Diagram
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Mode ESD Protection
> 2
kV
ESD MM
Machine Mode ESD Protection
> 200
V
VIN
Input Voltage
6.0
V
VEN
Input Voltage for EN Pin
6.0
V
VOUT
Output Voltage
-0.3 to VIN + 0.3
V
IOUT
Output Current
300
mA
PD
Power Dissipation
300
mW
TA
Operating Ambient Temperature
-40 to +85
°C
TSTG
Storage Temperature
-55 to +125
°C
Note:
4. a). Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended period may affect
device reliability.
b). Ratings apply to ambient temperature at +25°C. The JEDEC High-K board design used to derive this data was a 2 inch x 2 inch multilayer board with
1oz. internal power and ground planes and 2oz. copper traces on the top and bottom of the board.
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com