Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7351D Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP7351D
Description  150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7351D Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP7351D Datasheet HTML 9Page - Diodes Incorporated AP7351D Datasheet HTML 10Page - Diodes Incorporated AP7351D Datasheet HTML 11Page - Diodes Incorporated AP7351D Datasheet HTML 12Page - Diodes Incorporated AP7351D Datasheet HTML 13Page - Diodes Incorporated AP7351D Datasheet HTML 14Page - Diodes Incorporated AP7351D Datasheet HTML 15Page - Diodes Incorporated AP7351D Datasheet HTML 16Page - Diodes Incorporated AP7351D Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AP7351D
Document number: DS42111 Rev. 4 - 2
13 of 18
www.diodes.com
24 November 2020
© Diodes Incorporated
AP7351D
Ordering Information
AP7351D - X X - X
Package
Output Discharge
FS4 : X2-DFN1010-4
(Type B)
W5: SOT25
7/7B : Tape & Reel
Packing
D : Output Discharge
Output Voltage
12 : 1.2V
185 : 1.85V
15 : 1.5V
18 : 1.8V
25 : 2.5V
27 : 2.7V
28 : 2.8V
30 : 3.0V
33 : 3.3V
45 : 4.5V
08 : 0.8V
09 : 0.9V
10 : 1.0V
Part Number
Package
Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
AP7351D-XXFS4-7B
FS4
X2-DFN1010-4 (Type B)
10,000/Tape & Reel
-7B
AP7351D-XXXFS4-7B
FS4
X2-DFN1010-4 (Type B)
10,000/Tape & Reel
-7B
AP7351D-XXW5-7
W5
SOT25
3,000/Tape & Reel
-7
AP7351D-XXXW5-7
W5
SOT25
3,000/Tape & Reel
-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com