Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7354 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7354
Description  150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7354 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7354 Datasheet HTML 1Page - Diodes Incorporated AP7354 Datasheet HTML 2Page - Diodes Incorporated AP7354 Datasheet HTML 3Page - Diodes Incorporated AP7354 Datasheet HTML 4Page - Diodes Incorporated AP7354 Datasheet HTML 5Page - Diodes Incorporated AP7354 Datasheet HTML 6Page - Diodes Incorporated AP7354 Datasheet HTML 7Page - Diodes Incorporated AP7354 Datasheet HTML 8Page - Diodes Incorporated AP7354 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AP7354
Document number: DS39918 Rev. 5 - 2
4 of 18
www.diodes.com
March 2020
© Diodes Incorporated
AP7354
Electrical Characteristics (@TA = +25°C, VEN = VIN = VOUT+1V (1.5V < VOUT ≤ 4.5V), VEN = VIN = 2.5V (VOUT ≤ 1.5V), IOUT = 1mA,
CIN = COUT = 0.1µF, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage
TA = -40°C to +85°C
2.0
—
5.5
V
Output Voltage Accuracy
VOUT > 2.0V
IOUT = 1mA
TA = +25°C
-1
—
+1
%
TA = -40°C to +85°C
-2
—
+2
VOUT ≤ 2.0V
IOUT = 1mA
TA = +25°C
-40
—
40
mV
TA = -40°C to +85°C
-80
—
80
Line Regulation (∆VOUT/∆VIN/VOUT)
MAX (VOUT + 1.0V, 2.5V) ≤ VIN ≤ 5.5V
(All Versions Except 4.5V)
—
0.02
0.1
%/V
Load Regulation (∆VOUT)
1mA ≤ IOUT ≤ 150mA (All Versions Except 4.5V)
-40
—
40
mV
1mA ≤ IOUT ≤ 150mA (Applicable to 4.5V Version)
-55
—
55
mV
Short Circuit Current Limit (Note 7)
VOUT = 0V
—
60
—
mA
Quiescent Current (Note 8)
IOUT = 0mA
—
0.25
0.6
µA
ISTANDBY
Set EN Low, No Load
—
0.02
0.2
µA
Output Current
—
150
—
—
mA
Dropout Voltage (Note 9)
IOUT = 150mA
VOUT = 1.1V
—
0.70
1.00
V
VOUT = 1.2V
—
0.60
0.90
VOUT = 1.5V
—
0.43
0.75
VOUT = 1.8V
—
0.33
0.60
VOUT = 1.85V
—
0.32
0.58
VOUT = 2.2V
—
0.27
0.52
VOUT = 2.5V
—
0.22
0.48
VOUT = 2.8V
—
0.19
0.40
VOUT = 3.0V
—
0.18
0.35
VOUT = 3.3V
—
0.16
0.35
VOUT = 4.5V
—
0.14
0.35
EN Input Low Voltage
—
—
—
0.4
V
EN Input High Voltage
—
1.0
—
5.5
V
Active Output Discharge Resistance (Note 10) VIN = 4.0V, VEN = 0V
—
35
—
Ω
ϴJA Thermal Resistance Junction-to-Ambient
(Note 11)
SOT23
—
170
—
°C/W
SOT25
—
162
—
X2-DFN1010-4 (Type B)
—
295
—
ϴJC Thermal Resistance Junction-to-Case
(Note 11)
SOT23
—
43
—
°C/W
SOT25
—
38
—
X2-DFN1010-4 (Type B)
—
120
—
Notes:
7. Short-circuit current is measured with VOUT pulled to GND.
8. Quiescent current defined as the difference in current between the input and the output.
9. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value.
10. AP7354 is available with two options: built-in discharge (AP7354D) and non-discharge (AP7354).
11. Test condition: Device mounted on 1" × 1" FR-4 MRP substrate PCB, 2oz copper, with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com