Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7383 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7383
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7383 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7383 Datasheet HTML 1Page - Diodes Incorporated AP7383 Datasheet HTML 2Page - Diodes Incorporated AP7383 Datasheet HTML 3Page - Diodes Incorporated AP7383 Datasheet HTML 4Page - Diodes Incorporated AP7383 Datasheet HTML 5Page - Diodes Incorporated AP7383 Datasheet HTML 6Page - Diodes Incorporated AP7383 Datasheet HTML 7Page - Diodes Incorporated AP7383 Datasheet HTML 8Page - Diodes Incorporated AP7383 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP7383
Document number: DS40699 Rev. 6 - 2
4 of 13
www.diodes.com
August 2020
© Diodes Incorporated
AP7383
Electrical Characteristics (@ VIN = VOUT + 2V, CIN = 1.0µF, COUT = 1.0µF, Typical TJ = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
VIN = VOUT + 2V, IOUT = 10mA
Variation from Specified VOUT
VOUT × 99% VOUT VOUT × 101%
V
VIN
Input Voltage
—
3.5
—
30
V
ILIMIT
Current Limit
VIN = VOUT + 2V, VOUT1 = 98% × VOUT
150
—
—
mA
∆VOUT/∆VIN/VOUT Line Regulation
VOUT + 2V
≤ VIN ≤ 30V, IOUT = 10mA
—
0.05
—
%/V
∆VOUT/VOUT
Load Regulation
VIN = VOUT + 2V, 1mA
≤ IOUT ≤ 150mA
—
0.5
—
%
VDROP
Dropout Voltage
3.0V
≤ VOUT < 5.0V
IOUT = 50mA
—
360
580
mV
IOUT = 100mA
—
750
1000
mV
IOUT = 150mA
—
1050
1500
mV
VOUT = 5.0V
IOUT = 50mA
—
250
500
mV
IOUT = 100mA
—
550
750
mV
IOUT = 150mA
—
750
1100
mV
IGND
Ground Current
IOUT = 0A
—
1.8
3.0
µA
IOUT = 150mA
—
1.8
3.0
ISTD
Standby Current
VEN in OFF Mode
—
0.01
—
µA
∆VOUT/(VOUTx∆T) Output Voltage Temperature Coefficient IOUT = 100µA, -40°C ≤ TJ ≤ +125°C
—
±100
—
ppm/°C
IEN
EN Pin Current
—
—
1
—
µA
—
EN “High” Voltage
EN Input Voltage “High”
2.0
—
—
V
—
EN “Low” Voltage
EN Input Voltage “Low”
—
—
0.4
V
TOTSD
Thermal Shutdown Temperature
—
—
+160
—
°C
THYOTSD
Thermal Shutdown Hysteresis
—
—
+20
—
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com