Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6ER-0101 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A6ER-0101
Description  DIP Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6ER-0101 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A6ER-0101 Datasheet HTML 1Page - Omron Electronics LLC A6ER-0101 Datasheet HTML 2Page - Omron Electronics LLC A6ER-0101 Datasheet HTML 3Page - Omron Electronics LLC A6ER-0101 Datasheet HTML 4Page - Omron Electronics LLC A6ER-0101 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A6E/A6ER
A6E/A6ER
200
Specifications
J
CHARACTERISTICS
Switching capacity
25 mA at 24 VDC
Insulation resistance
100 MW min. (at 250 VDC)
Contact resistance
200 mW max. (initial value)
Dielectric strength
500 VAC for 1 min between terminals of same polarity, and between terminals of
different polarity
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Malfunction: 300 m/s2 min. (approx. 30G min.)
Life expectancy
Mechanical
1,000 operations min.
Life expectancy
Electrical
1,000 operations min.
Ambient temperature
Operating
--20°C to 70°C (with no icing)
Ambient humidity
Operating
35% to 90%
Operating force
0.29 N min. (30 gf)
Dimensions
Unit: mm (inch)
Note: Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions.
J
FLAT ACTUATED WITH
DIP TERMINAL
A6E-j101
Flat Actuated
Raised Actuator
J
RAISED ACTUATOR
WITH DIP TERMINAL
A6E-j104
PCB Dimensions
(Top View)
1.0±0.05 dia.
No. of poles
Part number
A
2
A6E-2101
A6E-2104
6.64
3
A6E-3101
A6E-3104
9.18
4
A6E-4101
A6E-4104
11.72
5
A6E-5101
A6E-5104
14.26
6
A6E-6101
A6E-6104
16.80
7
A6E-7101
A6E-7104
19.34
8
A6E-8101
A6E-8104
21.88
9
A6E-9101
A6E-9104
24.42
10
A6E-0101
A6E-0104
26.96



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com