Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS557X Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS557X
Description  Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS557X Datasheet(HTML) 1 Page - Cirrus Logic

  CS557X Datasheet HTML 1Page - Cirrus Logic CS557X Datasheet HTML 2Page - Cirrus Logic CS557X Datasheet HTML 3Page - Cirrus Logic CS557X Datasheet HTML 4Page - Cirrus Logic CS557X Datasheet HTML 5Page - Cirrus Logic CS557X Datasheet HTML 6Page - Cirrus Logic CS557X Datasheet HTML 7Page - Cirrus Logic CS557X Datasheet HTML 8Page - Cirrus Logic CS557X Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
1. INTRODUCTION
The CS556x/7x/8x devices represent a new generation of delta-sigma analog-to-digital converters that compete
with SAR (successive approximation register) converters, with some distinct advantages. The unique features of
these over-sampling converters allow them to be multiplexed at high speed across many input channels, because
every conversion produces a fully settled result. In this application note the similarities and differences between
SAR converters and the CS556x/7x/8x family of ADCs will be discussed as well as some design tips on choosing
the right multiplexer and input amplifiers to drive these ADCs.
2. COMPARING THE CS556X/7X/8X WITH A SAR
Typically SAR ADCs have been used in the past for any high-throughput multiplexed application. This is because
most delta-sigma converters require multiple conversions to fully settle. In other words, a large step change on the
input takes a considerable amount of time to be reflected accurately (settled) in the output of the digital filter. Most
delta-sigma converters use single-bit modulators and sample at kilohertz rates, and many samples are required as
input to the digital filter to achieve the required accuracy. The CS556x/7x/8x family of converters is unique in that
the modulator output is multi-bit and the sample rate is 8 MSps (megasamples per second). This, in combination
with a specially designed FIR filter that only takes a few clock cycles to compute a result, produces a converter that
can fully settle in a single conversion.
There are several distinct advantages of delta-sigma converters over SAR converters such as their superior DNL
(differential non-linearity) performance and excellent noise immunity. One of the main reasons for the increased
noise immunity is that the digital filter attenuates the out-of-band noise. However, a SAR ADC typically has a band-
width much higher than Nyquist, and out-of-band noise can alias down into the pass band. Another reason is that
a SAR converter samples the input signal once per conversion (Figure 1a) while the delta-sigma converter averages
many samples per conversion (Figure 1b). As can be seen in Figure 1a, a noisy input signal (one with noise tran-
sients as illustrated) can result in significant errors within a SAR ADC unless multiple conversions are taken and
averaged in software. In Figure 1b, the delta-sigma converter does this internally in the digital filter resulting in a
conversion much less susceptible to transient noise.
Figure 1a. SAR ADC Sampling (One Sample per Conversion)
Figure 1b. Delta-Sigma ADC Sampling (Many Sample per Conversion)
}Error
Noise
Noise
Noise
Noise
Noise
Noise
AN314
AUG
‘07
AN314REV1


Similar Part No. - CS557X

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5570 CIRRUS-CS5570 Datasheet
2Mb / 2P
High-Throughput Delta-Sigma A/D Converters
CS5571 CIRRUS-CS5571 Datasheet
607Kb / 32P
짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
CS5571 CIRRUS-CS5571 Datasheet
617Kb / 34P
짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
CS5571 CIRRUS-CS5571 Datasheet
2Mb / 2P
High-Throughput Delta-Sigma A/D Converters
CS5571-ISZ CIRRUS-CS5571-ISZ Datasheet
607Kb / 32P
짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
More results

Similar Description - CS557X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3550 MICROCHIP-MCP3550 Datasheet
583Kb / 30P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2007
MCP3550 MICROCHIP-MCP3550_09 Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
logo
Microchip Technology
MCP3551-ESN MICROCHIP-MCP3551-ESN Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
logo
Analog Devices
AD7788 AD-AD7788 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Microchip Technology
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
logo
Analog Devices
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
ADE9322B AD-ADE9322B Datasheet
72Kb / 2P
mSure Enabled Sigma-Delta ADCs
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com