Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS558X Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS558X
Description  Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS558X Datasheet(HTML) 5 Page - Cirrus Logic

  CS558X Datasheet HTML 1Page - Cirrus Logic CS558X Datasheet HTML 2Page - Cirrus Logic CS558X Datasheet HTML 3Page - Cirrus Logic CS558X Datasheet HTML 4Page - Cirrus Logic CS558X Datasheet HTML 5Page - Cirrus Logic CS558X Datasheet HTML 6Page - Cirrus Logic CS558X Datasheet HTML 7Page - Cirrus Logic CS558X Datasheet HTML 8Page - Cirrus Logic CS558X Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AN314REV1
5
AN314
of approximately 6 dB in the full-scale signal-to-noise ratio. This is because the full-scale input range of the differ-
ential input devices is twice that of the single ended devices. For example the CS5560/70/80 has a differential input
range of 8.192 volts (±4.096) while the CS5561/71/81 has a full-scale input range of 4.096 volts (±2.048). For an
equivalent internal noise, this means the full-scale input-to-noise ratio improves by 6 dB when using the differential
input devices. Of course, in order to take advantage of the differential device, the signal being converted needs to
be a true differential signal that utilizes the full-scale range. Otherwise, a single-ended-to-differential conversion cir-
cuit would need to be designed using a low-noise op-amp such as illustrated in Figure 5.
Figure 5. Single-ended-to-differential Conversion Circuit
If the decision is made to use a differential input ADC then the MUX will need to be a dual-pole device. Otherwise,
for simpler implementations with less stringent noise performance requirements, a single-ended input device can
be used with a single-pole MUX.
±10.107 V
Single
Ended
Input
±4.096 V
Differential
Output
½ CS3004
20k
88.7k
20k
20k
½ CS3004
+
-
+
-
10k



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com