Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4635 Datasheet(PDF) 8 Page - Cirrus Logic

Part # MAX4635
Description  Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MAX4635 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button MAX4635 Datasheet HTML 2Page - Cirrus Logic MAX4635 Datasheet HTML 3Page - Cirrus Logic MAX4635 Datasheet HTML 4Page - Cirrus Logic MAX4635 Datasheet HTML 5Page - Cirrus Logic MAX4635 Datasheet HTML 6Page - Cirrus Logic MAX4635 Datasheet HTML 7Page - Cirrus Logic MAX4635 Datasheet HTML 8Page - Cirrus Logic MAX4635 Datasheet HTML 9Page - Cirrus Logic MAX4635 Datasheet HTML 10Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
AN314REV1
AN314
Figure 7. 8-input, Single-ended, Multiple Input Range, Multiplexed System
The circuit shown in Figure 7 is similar to the differential circuit except there is no need to convert the single-ended
input signal to differential. As mentioned previously, there will be a loss of approximately 6 dB in noise performance
using the single-ended input device, since the full-scale input is half that of the differential device. As illustrated, not
every input may need a buffer and if the source impedance is very low, better performance may be obtained without
a buffer. In order to maintain DC accuracy, the series resistance in the unbuffered inputs needs to be kept very low.
The key in this configuration is to keep the impedance between the ACOM pin of the ADC and the source signal as
low as possible. Any current flowing in this return path will result in errors since there is no common-mode rejection
with a single-ended device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com