Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP522304 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # AP522304
Description  Automotive Broadband FR4 Embedded Cellular Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

AP522304 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  AP522304 Datasheet HTML 1Page - Kyocera Kinseki Corpotation AP522304 Datasheet HTML 2Page - Kyocera Kinseki Corpotation AP522304 Datasheet HTML 3Page - Kyocera Kinseki Corpotation AP522304 Datasheet HTML 4Page - Kyocera Kinseki Corpotation AP522304 Datasheet HTML 5Page - Kyocera Kinseki Corpotation AP522304 Datasheet HTML 6Page - Kyocera Kinseki Corpotation AP522304 Datasheet HTML 7Page - Kyocera Kinseki Corpotation AP522304 Datasheet HTML 8Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8/20/2022
Proprietary
Mechanical Specifications & Ordering Part Number
KEY BENEFITS
Reduced Costs and
Time-to-Market
Standard antenna eliminates
design fees and cycle time
associated with a custom solution;
getting products to market faster.
Greater Flexibility with
Unique Form Factors
Ethertronics’ technology helps you
deliver more advanced ergonomic
designs without adverse impact
on product performance.
Reliability
Comply with latest RoHS
requirements
APPLICATIONS
•
Medical
applications
•
Home
automation
•
Smart metering
•
M2M, Industrial
devices
•
IoT
•
Firstnet
•
Automotive
•
Healthcare
•
Point of Sale
•
Tracking
•
Cellular
•
3G Systems
Ordering Part #
AP522304
Dimensions (mm)
35.0 x 9.0 x 3.3
Weight (grams)
2.1
Mounting
SMT (P&P)
Packaging
1,120 pcs/reel; 5,600 pcs/box
Demo Board
P522304-02
Temperature Range
-50/+125
°C
Temperature Cycle
IEC 60068-2-14:2009
Temperature Exposure
Mil-STD-202 Method 108
High Temperature &
High Humidity
MIL-STD-202
Mechanical Shock
IEC 60068-2-27:2008
Vibration
IEC 60068-2-6:2007
IMDS and PPAP available
Frequency
824 - 960 MHz
1710 - 2170 MHz
Efficiency
62%
55%
VSWR
2.5:1 max
2.7:1 max
Peak Gain
0 dBi
0.7 dBi
Polarization
Linear
Power Handling
2 Watts CW
Radiation Pattern
Omni-directional
Feed Point Impedance
50 ohms unbalanced
Part No. AP522304
Automotive Broadband FR4 Embedded Cellular Antenna
850 / 900 / 1800 / 1900 / 2100 MHz
Supports: Broadband LTE (OCTA-BAND), LTE CAT-M, NB-IoT, SigFox, LoRa, Cellular LPWA, RPMA, Firstnet
Electrical Specifications
Typical Characteristics, on 50 x 110 mm PCB
Automotive FR4 Embedded
Cellular Antenna
Low Band 824
– 960 MHz
High Band 1710 - 2170 MHz
www.KYOCERA-AVX.com
KYOCERA AVX A-Series automotive antennas deliver on the key needs of
device designers for higher functionality.
KYOCERA AVX has completed rigorous testing to qualify the A-series
antennas for automotive applications. Although the AEC-Q200 standard does
not include antenna products, all testing has been done following applicable
AEC-Q200 requirements and procedures as closely as possible. Customers
must provide additional quality requirements, if any, to drive additional
compliance testing.
AUTOMOTIVE
DATASHEET
Part No. AP522304
Product: Automotive
FR4 Embedded
Cellular Antenna
TDS-ANT-0096 | Rev 0


Similar Part No. - AP522304

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AP522304 AVX-AP522304 Datasheet
1Mb / 8P
Automotive Broadband FR4 Embedded Cellular Antenna
8/20/2022
More results

Similar Description - AP522304

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT40021-C1B WPI-WPANT40021-C1B Datasheet
141Kb / 2P
4G / Cellular Embedded Antenna
logo
Kyocera Kinseki Corpota...
A1004795 KSS-A1004795 Datasheet
2Mb / 22P
Automotive Broadband FR4 Embedded LTE / LPWA Antenna
Rev 0
AP822601 KSS-AP822601 Datasheet
1Mb / 14P
Automotive Universal Broadband FR4 Embedded LTE / LPWA Antenna
Rev 0
logo
AVX Corporation
1002232 AVX-1002232 Datasheet
1Mb / 8P
ISM & WLAN FR4 Embedded Antenna
9/27/2021
1004795 AVX-1004795 Datasheet
4Mb / 25P
Universal Broadband FR4 Embedded LTE / LPWA Antenna
8/26/2022 Rev. 1
A1004795 AVX-A1004795 Datasheet
2Mb / 22P
Automotive Broadband FR4 Embedded LTE / LPWA Antenna
8/20/2022 Rev 0
AP522304 AVX-AP522304 Datasheet
1Mb / 8P
Automotive Broadband FR4 Embedded Cellular Antenna
8/20/2022
AP822601 AVX-AP822601 Datasheet
1Mb / 14P
Automotive Universal Broadband FR4 Embedded LTE / LPWA Antenna
8/19/2022 Rev 0
P522304 AVX-P522304 Datasheet
1Mb / 8P
Broadband FR4 Embedded Cellular Antenna
10/1/2019
P822601 AVX-P822601 Datasheet
2Mb / 16P
Universal Broadband FR4 Embedded LTE / LPWA Antenna
8/25/2022 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com