Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCCC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NCCC
Description  Thin Film Single Value Chip and Wire Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NCCC Datasheet(HTML) 1 Page - Vishay Siliconix

  NCCC Datasheet HTML 1Page - Vishay Siliconix NCCC Datasheet HTML 2Page - Vishay Siliconix NCCC Datasheet HTML 3Page - Vishay Siliconix NCCC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NC Series
www.vishay.com
Vishay Electro-Films
Revision: 08-Apr-2021
1
Document Number: 61033
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Single Value Chip and Wire Capacitors
Product may not be to scale
The NC series of thin film capacitors has the advantage of
increased performance and smaller size when compared
with its thick film counterparts. These chips are available in
sizes down to 20 mil square and in capacitances up to
1000 pF.
Parts require epoxy or eutectic die attach to substrate and
one wire bond.
These chips are manufactured using Vishay Electro-Films
(EFI) sophisticated thin film equipment and manufacturing
technology. The NC’s are 100 % electrically tested and
visually inspected to MIL-STD-883.
FEATURES
• Wire bondable
• Small size: 0.020 inches square to 0.060 inches
square
• Substrate: silicon with gold backing
• Dielectric: silicon dioxide / silicon nitride
• Capacitance range: 0.5 pF to 1000 pF
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
The NC series of capacitor chips are designed for assembly
in
hybrid
circuits
using
conventional
wire-bonding
techniques.
They
provide
excellent
stability
and
performance, and their small size gives the hybrid designer
greater layout flexibility. They are available as MNOS or
MOS capacitors. The MOS version is to be preferred when
low dielectric absorption is required.
ELECTRICAL SCHEMATIC
NCAA, NCBB, NCCC
ELECTRICAL SCHEMATIC
NCDD, NCEE
TOP BONDING PADS
BACK OF CHIP
TOP BONDING PADS
BACK OF CHIP
WV (DC) VALUES AND TOLERANCES
CAPACITOR MODEL
NCAA
NCBB
NCCC
NCDD
NCEE
UNIT
Case Size
0202
0303
0404
0505
0606
Capacitance Values
0.5 to 51
33 to 100
56 to 220
150 to 510
360 to 1000
pF
Tolerance
± 2.5, ± 5, ± 10,
± 20, ± 25
± 2.5, ± 5, ± 10,
± 20
± 2.5, ± 5, ± 10,
± 20
± 2.5, ± 5, ± 10,
± 20
± 2.5, ± 5, ± 10,
± 20
%
DC Working Voltage
200
150
190
140
See section “DC Working
Voltages and Tolerances”
V
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Capacitance Range
0.5 to 1000
pF
Maximum Working Voltage
200
V
Peak Voltage at +25 °C
1.5 x working voltage
Dissipation Factor, 1 kHz, 1 VRMS, +25 °C
0.05 MNOS
0.1 MOS
%
Q at 1 mHz, 50 mVRMS, +25 °C
1000 min.
TCC, -55 °C to +150 °C
+45 ± 25 MNOS
+15 ± 25 MOS
ppm/°C
Insulation Resistance at Working Voltage, +25 °C
109 min.
Ω
Operating Temperature Range
-55 to +125
°C
Thermal Shock
± 0.25 + 0.25 pF max.
ΔC/C
%
Moisture Resistance, MIL-STD-202, Method 106
± 1.0 + 0.25 pF max.
ΔC/C
%
Short Time Overload, +25 °C, 5 s, 1.5 x Working Voltage
± 0.25 + 0.25 pF max.
%
High Temperature Exposure, 100 h at 150 °C Ambient
± 0.25 + 0.25 pF max.
ΔC/C
%
Life, MIL-STD-202, Method 108
Condition D, +125 °C Ambient, 1000 h at Working Voltage
± 0.25 + 0.25 pF max.
ΔC/C
%


Similar Part No. - NCCC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
NCCC MSYSTEM-NCCC Datasheet
98Kb / 4P
Thin Film Single Value Chip and Wire Capacitors
More results

Similar Description - NCCC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
L-NS VISHAY-L-NS Datasheet
130Kb / 3P
Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
31-Jul-08
logo
AVX Corporation
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
Thin-Film Chip Capacitors
logo
Vishay Siliconix
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
19-Nov-13
NCSERIES VISHAY-NCSERIES_15 Datasheet
93Kb / 4P
Thin Film Single Value Chip and Wire Capacitors
02-May-13
CS22 VISHAY-CS22_15 Datasheet
76Kb / 3P
Single Value Wirebondable Thin Film Chip Resistors
21-Nov-13
RMK55N VISHAY-RMK55N_15 Datasheet
88Kb / 4P
Wirebondable High Precision Single Value Thin Film Chip Resistors
26-Mar-13
RSK22N VISHAY-RSK22N_15 Datasheet
73Kb / 3P
Precision Wirebondable Single Value Thin Film Chip Resistor
11-Nov-15
logo
M-System Co.,Ltd.
NCAA MSYSTEM-NCAA Datasheet
98Kb / 4P
Thin Film Single Value Chip and Wire Capacitors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
Thin Film Chip Inductors
10-Aug-06
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
Thin Film Chip Fuse
30-Apr-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com