Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA68-01995B Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # HA68-01995B
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

HA68-01995B Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button HA68-01995B Datasheet HTML 17Page - Toshiba Semiconductor HA68-01995B Datasheet HTML 18Page - Toshiba Semiconductor HA68-01995B Datasheet HTML 19Page - Toshiba Semiconductor HA68-01995B Datasheet HTML 20Page - Toshiba Semiconductor HA68-01995B Datasheet HTML 21Page - Toshiba Semiconductor HA68-01995B Datasheet HTML 22Page - Toshiba Semiconductor HA68-01995B Datasheet HTML 23Page - Toshiba Semiconductor HA68-01995B Datasheet HTML 24Page - Toshiba Semiconductor HA68-01995B Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Alignment and Adjustments
4-10
50
WDRGB
BCL THESHOLD
beam
1.8mA
1.6mA
MIN
IRE
BCL GAIN
MAX
Table 1. YC Delay Adjustment Table
YC
Delay
Value
PAL
Def.
4
BG
3
DK
6
I
6
L
7
Def.
1
BG
1
DK
5
I
8
L
5
SECAM
Def.
4
Beam Control Limit Characteristic
Note 3.
M
3
NTSC
The “Def.” means that TV is in AV mode.
✐



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com