Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4M561633G-RBL Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4M561633G-RBL
Description  4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M561633G-RBL Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K4M561633G-RBL Datasheet HTML 2Page - Samsung semiconductor K4M561633G-RBL Datasheet HTML 3Page - Samsung semiconductor K4M561633G-RBL Datasheet HTML 4Page - Samsung semiconductor K4M561633G-RBL Datasheet HTML 5Page - Samsung semiconductor K4M561633G-RBL Datasheet HTML 6Page - Samsung semiconductor K4M561633G-RBL Datasheet HTML 7Page - Samsung semiconductor K4M561633G-RBL Datasheet HTML 8Page - Samsung semiconductor K4M561633G-RBL Datasheet HTML 9Page - Samsung semiconductor K4M561633G-RBL Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
K4M561633G - R(B)N/G/L/F
January 2006
Mobile SDRAM
AC OPERATING TEST CONDITIONS(VDD = 2.7V ∼ 3.6V, TA = -25 to 85°C for Extended, -25 to 70°C for Commercial)
Parameter
Value
Unit
AC input levels (Vih/Vil)
2.4 / 0.4
V
Input timing measurement reference level
0.5 x VDDQ
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
0.5 x VDDQ
V
Output load condition
See Figure 2
VDDQ
1200
Ω
870
Ω
Output
30pF
VOH (DC) = 2.4V, IOH = -2mA
VOL (DC) = 0.4V, IOL = 2mA
Vtt=0.5 x VDDQ
50
Ω
Output
30pF
Z0=50
Ω
Figure 2. AC Output Load Circuit
Figure 1. DC Output Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com