Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT240T Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI74FCT240T
Description  Fast CMOS Octal Buffer/Line Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT240T Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74FCT240T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT240T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT240T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT240T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT240T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT240T Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PS2011B
12/11/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT240T/241T/244T/540T/541T(25ohmSeries)
PI74FCT2240T/2241T/2244T/2541T
OctalBuffer/LineDrivers
PI74FCT540T Switching Characteristics over Operating Range
540T
540AT
540CT
540DT
Com.
Com.
Com.
Com.
Parameters Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max Units
tPLH
Propagation Delay
CL = 50pF
1.5
5.5
1.5
4.8
1.5
4.3
1.5
3.8
ns
tPHL
DN to ON
RL = 500
Ω
tPZH
Output Enable Time
1.5
10.0
1.5
6.2
1.5
5.8
1.5
5.2
ns
tPZL
OEX to ON
tPHZ
Output Disable Time(3)
1.5
6.0
1.5
5.6
1.5
5.2
1.5
5.2
ns
tPLZ
OEX to ON
PI74FCT541/2541T Switching Characteristics over Operating Range
541T/2541T
541AT/2541AT 541CT/2541CT
541DT
Com.
Com.
Com.
Com.
Parameters Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max Units
tPLH
Propagation Delay
CL = 50pF
1.5
6.0
1.5
4.8
1.5
4.1
1.5
3.8
ns
tPHL
DN to ON
RL = 500
Ω
tPZH
Output Enable Time
1.5
9.5
1.5
6.2
1.5
5.8
1.5
5.2
ns
tPZL
OEX to ON
tPHZ
Output Disable Time(3)
1.5
6.5
1.5
5.6
1.5
5.2
1.5
5.2
ns
tPLZ
OEX to ON
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com