Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT541T Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74FCT541T
Description  Fast CMOS Octal Buffer/Line Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT541T Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74FCT541T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT541T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT541T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT541T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT541T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT541T Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS2011B
12/11/00
Logic Block Diagrams
PI74FCT240/2240T
PI74FCT241/2241T
PI74FCT244/2244T
PI74FCT540T
PI74FCT541/2541T
*Logic diagram shown for 540T.
541/2541T is the non-inverting option.
ProductDescription
Pericom Semiconductor’s PI74FCT series of logic circuits are
produced in the Company’s advanced 0.6/0.8 micron CMOS
technology, achieving industry leading speed grades. All
PI74FCT2XXX devices have a built-in 25 ohm series resistor on
all outputs to reduce noise because of reflections, thus eliminating
the need for an external terminating resistor.
The PI74FCT240T/241T/244T/540T/541T and P174FCT2240T/
2241T/2244/2541T are 8-bit wide driver circuits, designed to be
used in applications requiring high-speed and high-output drive.
Ideal applications would include bus drivers, memory drivers,
address drivers, and system clock drivers.
The PI74FCT540T and PI74FCT541/2541T provide similar driver
capabilities, but have their pins physically grouped by function.
All inputs are located on one side of the package, while outputs are
on the opposite side, allowing for a much simpler and denser board
layout.
ProductFeatures
• PI74FCT240/241/244/540/541TandPI74FCT2240/2241/2244/
2541T are pin compatible with bipolar FAST™ Series at a
higher speed and lower power consumption
• 25Ω series resistor on all outputs (FCT2XXX only)
• TTL input and output levels
• Low ground bounce outputs
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range:
–40°C to +85°C
• Packagesavailable:
– 20-pin 173 mil wide plastic TSSOP (L)
– 20-pin 209 mil wide plastic SSOP (H)
– 20-pin 300 mil wide plastic DIP (P)
– 20-pin 150 mil wide plastic QSOP (Q)
– 20-pin 150 mil wide plastic TQSOP (R)
– 20-pin 300 mil wide plastic SOIC (S)
• Device models available upon request
OEA
DA0
OB0
OB1
DA1
OB2
DA2
OB3
DA3
OA0
DB0
OEB
OA1
DB1
OA2
DB2
OA3
DB3
OEA
DA0
OB0
OB1
DA1
OB2
DA2
OB3
DA3
OA0
DB0
OEB
*
OA1
DB1
OA2
DB2
OA3
DB3
241 Only
*OEB for 241T, *OEB for 244T,
OEA
D0
O0
OEB
D1
O1
D2
O2
D3
O3
D4
O4
D5
O5
D6
O6
D7
O7
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Fast CMOS Octal
Buffer/Line Drivers
PI74FCT240T/241T/
244T/540T/541T (25 ohmSeries)
PI74FCT2240T/2241T/2244T/2541T


Similar Part No. - PI74FCT541T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT541T PERICOM-PI74FCT541T Datasheet
434Kb / 7P
Fast CMOS Octal Buffer/Line Drivers
PI74FCT541T PERICOM-PI74FCT541T Datasheet
730Kb / 8P
Fast CMOS Octal Buffer/Line Drivers
PI74FCT541TQ PERICOM-PI74FCT541TQ Datasheet
434Kb / 7P
Fast CMOS Octal Buffer/Line Drivers
PI74FCT541TQ PERICOM-PI74FCT541TQ Datasheet
730Kb / 8P
Fast CMOS Octal Buffer/Line Drivers
PI74FCT541TQE PERICOM-PI74FCT541TQE Datasheet
434Kb / 7P
Fast CMOS Octal Buffer/Line Drivers
More results

Similar Description - PI74FCT541T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FC240T IDT-IDT74FC240T Datasheet
185Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
Fast CMOS 16-Bit Octal Buffer/Line Drivers
logo
Integrated Device Techn...
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
Fast CMOS Octal Buffer/Line Drivers
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
Octal Buffer Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
74541 IDT-74541 Datasheet
230Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com