Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B22140ASC1 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # B22140ASC1
Description  FEMALE HEADER WITH SQUARE TAIL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

B22140ASC1 Datasheet(HTML) 1 Page - DB Lectro Inc

  B22140ASC1 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DB LECTRO Inc.
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - B22140ASC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B221-30F ETC1-B221-30F Datasheet
676Kb / 2P
Fused and non-fused HVAC disconnects
logo
Pulse A Technitrol Comp...
B2210 PULSE-B2210 Datasheet
67Kb / 2P
ADSL FREQUENCY FILTER INDUCTORS
B2210 PULSE-B2210 Datasheet
121Kb / 4P
BROADBAND xDSL, HPN, CMCs
B2210T PULSE-B2210T Datasheet
67Kb / 2P
ADSL FREQUENCY FILTER INDUCTORS
logo
List of Unclassifed Man...
B2211 ETC2-B2211 Datasheet
343Kb / 11P
Primary-Side Regulation PWM Power Switch
More results

Similar Description - B22140ASC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PTC28 ETC1-PTC28 Datasheet
76Kb / 2P
SQUARE POST HEADER
logo
Dubilier
DBCIDCB27AS20BSA1 DUBILIER-DBCIDCB27AS20BSA1 Datasheet
100Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27BD20BS1 DUBILIER-DBCIDCB27BD20BS1 Datasheet
101Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27CD20BS1 DUBILIER-DBCIDCB27CD20BS1 Datasheet
103Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 7.0MM
DBCIDCB27D14BS1 DUBILIER-DBCIDCB27D14BS1 Datasheet
98Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 6.4MM
logo
Molex Electronics Ltd.
22-23-3044 MOLEX11-22-23-3044 Datasheet
56Kb / 2P
KK짰 254 Solid Header, Vertical, with Staggered Tail, 4 Circuits
22-23-3054 MOLEX11-22-23-3054 Datasheet
56Kb / 2P
KK짰 254 Solid Header, Vertical, with Staggered Tail, 5 Circuits
22-23-3104 MOLEX11-22-23-3104 Datasheet
56Kb / 2P
KK짰 254 Solid Header, Vertical, with Staggered Tail, 10 Circuits
logo
List of Unclassifed Man...
R191381000 ETC2-R191381000 Datasheet
32Kb / 2P
BULKHEAD ADAPTOR N FEMALE - SMA FEMALE SQUARE FLANGE
logo
Adam Technologies, Inc.
SRS2-XX-U-SMT ADAM-TECH-SRS2-XX-U-SMT Datasheet
222Kb / 1P
FEMALE HEADER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com