Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2186DDFR Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA2186DDFR
Description  OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2186DDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2186DDFR Datasheet HTML 9Page - Texas Instruments OPA2186DDFR Datasheet HTML 10Page - Texas Instruments OPA2186DDFR Datasheet HTML 11Page - Texas Instruments OPA2186DDFR Datasheet HTML 12Page - Texas Instruments OPA2186DDFR Datasheet HTML 13Page - Texas Instruments OPA2186DDFR Datasheet HTML 14Page - Texas Instruments OPA2186DDFR Datasheet HTML 15Page - Texas Instruments OPA2186DDFR Datasheet HTML 16Page - Texas Instruments OPA2186DDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±12 V, VCM = VS / 2, RL = 10 kΩ (unless otherwise noted)
Time (10 Ps/div)
VIN
VOUT
Gain = –1, 10-mV step
Figure 6-31. Small-Signal Step Response
Time (10 Ps/div)
VIN (V)
VOUT (V)
Gain = 1, 10-V step
Figure 6-32. Large-Signal Step Response
Time (10 Ps/div)
VIN (V)
VOUT (V)
Gain = –1, 10-V step
Figure 6-33. Large-Signal Step Response
CLOAD (pF)
10
100
1000
15
20
25
30
35
40
45
50
55
60
65
Figure 6-34. Phase Margin vs Capacitive Load
Time (5 Ps/div)
Falling
Rising
1-V step, 0.1% settling
Figure 6-35. Settling Time
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
20
21
22
23
24
25
26
27
28
29
30
31
32
Sinking
Sourcing
Figure 6-36. Short Circuit Current vs Temperature
www.ti.com
OPA2186
SBOS968A – JUNE 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA2186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com