Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS05MF Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # WS05MF
Description  Low Capacitance Q uad Array for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

WS05MF Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  WS05MF Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd WS05MF Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd WS05MF Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd WS05MF Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
●
Ultra low leakage: nA level
●
Operating voltage: 5V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±25kV
– IEC61000-4-5 (Lightning) 6A (8/20μs)
●
RoHS Compliant
Applications
●
●
●
●
●
●
Dimensions SOT-353
Pin Configuration
Mechanical Characteristics
●
Package: SOT-353
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:3,000pcs
●
Reel Size:7inch
Rev :
1/
4
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
150
W
ESD per IEC 61000−4−2 (Air)
VESD
±30
Kv
ESD per IEC 61000−4−2 (Contact)
±25
Operating Temperature Range
TJ
-40 to +125
℃
Storage Temperature Range
TSTJ
-40 to +125
℃
Low Capacitance
Array for ESD Protection
Q
uad
Computers
Printers
Communication systems
Cellular phones handsets and accessories
Wireline and wireless telephone sets
Set top boxes
Device Marking: WE
●
WS05MF
01.06.2018


Similar Part No. - WS05MF

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
WS05DLC LEIDITECH-WS05DLC Datasheet
385Kb / 3P
LOW CAPACITANCE TVS DIODE
WS05DLC-B LEIDITECH-WS05DLC-B Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
More results

Similar Description - WS05MF

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESDA5VAW6T1G LRC-LESDA5VAW6T1G Datasheet
1Mb / 6P
Low Capacitance Q uad Array for ESD Protection
LESDA6V8AW5T1G LRC-LESDA6V8AW5T1G Datasheet
523Kb / 6P
Low Capacitance Q uad Array for ESD Protection
LESDA12AW5T1G LRC-LESDA12AW5T1G Datasheet
1Mb / 6P
Low Capacitance Q uad Array for ESD Protection
LESDA6V8AW5T1G LRC-LESDA6V8AW5T1G_11 Datasheet
984Kb / 4P
Low Capacitance Q uad Array for ESD Protection
LESDA12AW5T1G LRC-LESDA12AW5T1G_11 Datasheet
1Mb / 4P
Low Capacitance Q uad Array for ESD Protection
logo
Shanghai Leiditech Elec...
PESD5V0L4UG LEIDITECH-PESD5V0L4UG Datasheet
820Kb / 4P
Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
CH412Z LEIDITECH-CH412Z Datasheet
970Kb / 4P
Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
DF5A5.6LFU LEIDITECH-DF5A5.6LFU Datasheet
820Kb / 4P
Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
ESD05V35T-4L LEIDITECH-ESD05V35T-4L Datasheet
820Kb / 4P
Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
UMD5V-705 LEIDITECH-UMD5V-705 Datasheet
820Kb / 4P
Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com