Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POPA2186DDFT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # POPA2186DDFT
Description  OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

POPA2186DDFT Datasheet(HTML) 21 Page - Texas Instruments

Back Button POPA2186DDFT Datasheet HTML 17Page - Texas Instruments POPA2186DDFT Datasheet HTML 18Page - Texas Instruments POPA2186DDFT Datasheet HTML 19Page - Texas Instruments POPA2186DDFT Datasheet HTML 20Page - Texas Instruments POPA2186DDFT Datasheet HTML 21Page - Texas Instruments POPA2186DDFT Datasheet HTML 22Page - Texas Instruments POPA2186DDFT Datasheet HTML 23Page - Texas Instruments POPA2186DDFT Datasheet HTML 24Page - Texas Instruments POPA2186DDFT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The OPA2186 operational amplifier combines precision offset and drift with excellent overall performance,
making the device an excellent choice for many precision applications. The precision offset drift of only
0.01 µV/°C provides stability over the entire temperature range. In addition, the device pairs excellent CMRR,
PSRR, and AOL dc performance with outstanding low-noise operation. As with all amplifiers, applications with
noisy or high-impedance power supplies require decoupling capacitors close to the device pins. In most cases,
0.1
‑µF capacitors are adequate.
8.1.1 Basic Noise Calculations
Low-noise circuit design requires careful analysis of all noise sources. In many cases, external noise sources
can dominate; consider the effect of source resistance on overall op-amp noise performance. Total noise of the
circuit is the root-sum-square combination of all noise components.
The resistive portion of the source impedance produces thermal noise proportional to the square root of the
resistance. The source impedance is usually fixed; consequently, select op amp and the feedback resistors that
minimize the respective contributions to the total noise.
Figure 8-1 shows both noninverting (A) and inverting (B) op-amp circuit configurations with gain. In circuit
configurations with gain, the feedback network resistors also contribute noise. In general, the current noise of the
op amp reacts with the feedback resistors to create additional noise components. However, the extremely low
current noise of the OPA2186 means that the current noise contribution can be ignored.
The feedback resistor values can generally be chosen to make these noise sources negligible. Low impedance
feedback resistors load the output of the amplifier. The equations for total noise are shown for both
configurations.
www.ti.com
OPA2186
SBOS968A – JUNE 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA2186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com