Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV340FP Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSV340FP
Description  Schottky Barrier Rectifier, Surface Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSV340FP Datasheet(HTML) 3 Page - ON Semiconductor

  FSV340FP Datasheet HTML 1Page - ON Semiconductor FSV340FP Datasheet HTML 2Page - ON Semiconductor FSV340FP Datasheet HTML 3Page - ON Semiconductor FSV340FP Datasheet HTML 4Page - ON Semiconductor FSV340FP Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FSV340FP, FSV360FP
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
010
20
30
40
Figure 1. Typical Reverse Characteristics
Reverse Voltage (V)
Reverse Voltage (V)
Forward Voltage (V)
Forward Voltage (V)
Figure 2. Typical Reverse Characteristics
Figure 3. Typical Forward Characteristics
Figure 4. Typical Forward Characteristics
10000
1000
100
10
1
0.1
0
1020
3040
FSV340FP
100°C
75°C
25°C
10000
1000
100
10
1
0.1
FSV360FP
100°C
75°C
25°C
50
60
70
80
90
0.1
1.0
10
100
0.2
0.3
0.4
FSV340FP
100°C
75°C
25°C
125°C
0.5
0.6
0.7
0.8
0.1
1.0
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
FSV360FP
100°C
75°C
25°C
125°C
VR, Reverse Bias Voltage (V)
Figure 5. Typical Junction Capacitance
0
50
100
400
012
24
36
48
60
150
200
250
300
350



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com