Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD01060 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CSD01060
Description  ZERO RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CSD01060 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CSD01060 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD01060 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD01060 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSD01060 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSD01060 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRELIMINARY
CSD01060
Page 2 • CSD01060, Rev -
®
P O W E R
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Forward Voltage
IF = 1A TJ=25°C
IF = 1A TJ=150°C
VF
1.6
2.0
1.8
2.4
V
Reverse Current
VR = 600V TJ=25°C
VR = 600V TJ=150°C
IR
20
40
100
500
µA
Total Capacitive Charge
VR = 600V,IF = 1A, di/dt = 500 A/µs, TJ = 25°C
QC
3.3
nC
Total Capacitance
VR = 0V, TJ = 25 °C, f =1MHz
VR = 200V, TJ = 25 °C, f =1MHz
VR = 400V, TJ = 25 °C, f =1MHz
C
80
11
8.5
pF
NOTE:
1.
This is a majority carrier diode, so there is no reverse recovery charge.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Units
Thermal Resistance from Junction to Case
RθJC
7
°C/W
Thermal Resistance from Junction to Ambient
RθJA
60
°C/W
Typical Performance
Figure 1. Forward Characteristics
Figure 2. Reverse Characteristics
0
10
20
30
40
50
0
200
400
600
800
1000
VR Reverse Voltage (V)
TJ 25
°C
TJ 100
°C
TJ 200
°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VF Forward Voltage (V)
TJ 25
° C
TJ 50
° C
TJ 100 ° C
TJ 150 ° C
TJ 200
° C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com