Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP280120W3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ADP280120W3
Description  Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 3.8 m typ. SiC MOSFET gen.3 based
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADP280120W3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ADP280120W3 Datasheet HTML 7Page - STMicroelectronics ADP280120W3 Datasheet HTML 8Page - STMicroelectronics ADP280120W3 Datasheet HTML 9Page - STMicroelectronics ADP280120W3 Datasheet HTML 10Page - STMicroelectronics ADP280120W3 Datasheet HTML 11Page - STMicroelectronics ADP280120W3 Datasheet HTML 12Page - STMicroelectronics ADP280120W3 Datasheet HTML 13Page - STMicroelectronics ADP280120W3 Datasheet HTML 14Page - STMicroelectronics ADP280120W3 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Revision history
Table 8. Document revision history
Date
Revision
Changes
02-Mar-2022
1
First release.
07-Jun-2022
2
Removed Section 1.1 Inverter switch, inserted and updated Table 1. Absolute
maximum ratings of each switch, added Table 2. Thermal data of each switch under
the Section 1 Electrical ratings.
Inserted and updated Table 3. Electrical characteristics of each switch, added Table 4.
Switching energy of each switch under Section 2 Electrical characteristics.
Updated Figure 18. ACEPACK DRIVE short tab package outline (dimensions are in
mm.).
Minor text changes.
07-Sep-2022
3
Modified Table 1. Absolute maximum ratings of each switch, Table 3. Electrical
characteristics of each switch, Table 5. Source-drain diode characteristics of each
switch and Table 6. Absolute maximum ratings for NTC temperature sensor,
considered as stand-alone.
Added Section 5 Electrical characteristics (curves).
Minor text changes.
12-Oct-2022
4
Updated Table 2. Thermal data of each switch and Table 3. .
ADP280120W3
DS13824 - Rev 4
page 13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com