Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16XTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # LSM6DSV16XTR
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16XTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LSM6DSV16XTR Datasheet HTML 28Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 29Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 30Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 31Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 32Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 33Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 34Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 35Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 196 page
background image
6.4
Gyroscope power modes
In the LSM6DSV16X, the gyroscope can be configured in five different operating modes: power-down mode,
sleep mode, low-power mode, high-performance mode and high-accuracy ODR mode.
The operating mode selected depends on the value of the OP_MODE_G_[2:0] bits in CTRL2 (11h).
If the value of the OP_MODE_G_[2:0] bits is 000 (default), high-performance mode is valid for all ODRs (from 7.5
Hz up to 7.68 kHz).
Low-power mode is available for lower ODRs (7.5 Hz, 15 Hz, 30 Hz, 60 Hz, 120 Hz, 240 Hz) and it is enabled by
setting the the OP_MODE_G_[2:0] bits to 101.
High-accuracy ODR mode is available for ODR values from 15 Hz up to 7.68 kHz and it is enabled by setting the
OP_MODE_G_[2:0] bits to 001. Refer to Section 6.5 High-accuracy ODR mode for more details.
6.5
High-accuracy ODR mode
High-accuracy ODR (HAODR) mode can be enabled to reduce the part-to-part output data rate variation. It
supports accelerometer only, gyroscope only and combo (accelerometer and gyroscope) modes. When this mode
is intended to be used for one sensor (accelerometer or gyroscope), the other sensor also has to be configured in
high-accuracy ODR (HAODR) mode.
The main high-accuracy ODR features are:
•
Noise level is aligned with high-performance mode
•
Power consumption increase of 20 μA (typical) vs. the corresponding high-performance mode configuration
selected
•
As for high-performance mode, on-the-fly changes of the sensor output data rate, full scale and bandwidth
are supported. The UI channel bandwidth can be selected through the gyroscope LPF1 and accelerometer
HPF/LPF2 filters.
•
When HAODR mode is enabled, it is applied to the UI accelerometer, UI gyroscope, EIS gyroscope, and
temperature. It’s not applied to OIS accelerometer/gyroscope channels.
Note:
HAODR mode has to be enabled / disabled when the device is in power-down mode.
When HAODR mode is enabled, the set of the supported ODRs is aligned to nominal high-performance mode
ODRs, as shown in the table below.
Note:
High-accuracy ODR mode is not compatible with the analog hub / Qvar functionality and the activity/inactivity
functionality (motion/stationary can be used).
Table 19. Accelerometer and gyroscope ODR selection in high-accuracy ODR mode
ODR_XL_ [3:0]
ODR_G_[3:0]
ODR [Hz]
0000
Power-down
0001
Reserved
0010
Reserved
0011
15
0100
30
0101
60
0110
120
0111
240
1000
480
1001
960
1010
1.92 kHz
1011
3.84 kHz
1100
7.68 kHz
Others
Reserved
LSM6DSV16X
Gyroscope power modes
DS13510 - Rev 1
page 32/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com