Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIB20M60S-XZ Datasheet(PDF) 20 Page - STMicroelectronics

Part # STGIB20M60S-XZ
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB20M60S-XZ Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STGIB20M60S-XZ Datasheet HTML 15Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 16Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 17Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 18Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 19Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 20Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 21Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 22Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Table 13. SDIP2B-26L type X2 package mechanical data
Ref.
Dimensions (mm)
Min.
Typ.
Max.
A
37.50
38.00
38.50
A1
0.97
1.22
1.47
A2
0.97
1.22
1.47
A3
34.70
35.00
35.30
c
1.45
1.50
1.55
B
23.50
24.00
24.50
B1
12.00
B2
13.90
14.40
14.90
B3
28.80
29.30
29.80
C
3.30
3.50
3.70
C1
5.00
5.50
6.00
C2
11.20
11.70
12.20
D
28.45
28.95
29.45
D1
2.725
3.025
3.325
e
3.356
3.556
3.756
e1
1.578
1.778
1.978
e2
7.42
7.62
7.82
e3
4.88
5.08
5.28
e4
2.34
2.54
2.74
E
11.90
12.40
12.90
E1
3.45
3.75
4.05
E2
1.80
f
0.45
0.60
0.75
f1
0.35
0.50
0.65
F
1.95
2.10
2.25
F1
0.95
1.10
1.25
R
1.55
1.575
1.60
T
0.375
0.40
0.425
V
0°
5°
STGIB20M60S-XZ
SDIP2B-26L type X2 package information
DS13493 - Rev 2
page 20/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com