Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIB30M60S-XZ Datasheet(PDF) 21 Page - STMicroelectronics

Part # STGIB30M60S-XZ
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 35 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB30M60S-XZ Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STGIB30M60S-XZ Datasheet HTML 15Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 16Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 17Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 18Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 19Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 20Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 21Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 22Page - STMicroelectronics STGIB30M60S-XZ Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Revision history
Table 14. Document revision history
Date
Version
Changes
24-Sep-2020
1
First release.
21-Sep-2021
2
Updated the features in cover page and Table 4. Total system.
Minor text changes.
STGIB30M60S-XZ
DS13487 - Rev 2
page 21/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com