Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIB8CH60S-L Datasheet(PDF) 21 Page - STMicroelectronics

Part # STGIB8CH60S-L
Description  SLLIMM- 2nd series IPM, 3-phase inverter, 12 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB8CH60S-L Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STGIB8CH60S-L Datasheet HTML 15Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 16Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 17Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 18Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 19Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 20Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 21Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 22Page - STMicroelectronics STGIB8CH60S-L Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Revision history
Table 14. Document revision history
Date
Revision
Changes
02-Dec-2016
1
Initial release.
17-May-2018
2
Removed maturity status indication from cover page. The document status is production data.
Updated features list on cover page.
Updated Table 11. Fault timing.
Updated Section 8.1 SDIP2B-26L type L2 package information.
Minor text changes
02-May-2019
3
Added Figure 11. IC vs case temperature.
Minor text changes.
15-Sep-2021
4
Updated Features and Device summary on cover page.
Updated Table 4. Total system.
Minor text changes.
18-Nov-2021
5
Updated Section 1 Internal schematic diagram and pin configuration.
Updated Section 6 Application circuit example and Section 6.1 Guidelines.
STGIB8CH60S-L
DS11955 - Rev 5
page 21/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com