Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7387 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7387
Description  4 x 41 W quad bridge car radio amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7387 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7387 Datasheet HTML 7Page - STMicroelectronics TDA7387 Datasheet HTML 8Page - STMicroelectronics TDA7387 Datasheet HTML 9Page - STMicroelectronics TDA7387 Datasheet HTML 10Page - STMicroelectronics TDA7387 Datasheet HTML 11Page - STMicroelectronics TDA7387 Datasheet HTML 12Page - STMicroelectronics TDA7387 Datasheet HTML 13Page - STMicroelectronics TDA7387 Datasheet HTML 14Page - STMicroelectronics TDA7387 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DocID024094 Rev 2
11/15
TDA7387
Application hints
3.3
Standby and muting
Standby and muting facilities are both CMOS-compatible. If unused, a straight connection to
Vs of their respective pins would be admissible. Conventional low-power transistors can be
used to drive muting and stand-by pins in absence of true CMOS ports or microprocessors.
R-C cells have always to be used in order to smooth down the transitions for preventing any
audible transient noises.
Since a DC current of about 10 µA normally flows out of pin 22, the maximum allowable
muting-series resistance (R2) is 70 k, which is sufficiently high to allow a muting capacitor
reasonably small (about 1 µF).
If R2 is higher than recommended, the involved risk is that the voltage at pin 22 may rise to
above the 1.5 V threshold voltage and the device is consequently fails to turn OFF when the
mute line is brought down.
About the stand-by, the time constant to be assigned in order to obtain a virtually pop-free
transition has to be slower than 2.5 V/ms.
3.4
Stability and layout considerations
If properly layouted and hooked to standard car-radio speakers, the TDA7387 is intrinsically
stable with no need of external compensations such as output R-C cells. Due to the high
number of channels involved, this translates into a very remarkable components saving if
compared to similar devices on the market.
To simplify pc-board layout design, each amplifier stage has its own power ground externally
accessible (pins 2,8,18,24) and one supply voltage pin for each couple of them. Even more
important, this makes it possible to achieve the highest possible degree of separation
among the channels, with remarkable benefits in terms of cross-talk and distortion features.
About the layout grounding, it is particularly important to connect the AC-GND capacitor (C5)
to the signal GND, as close as possible to the audio inputs ground: this guarantees high
rejection of any common mode spurious signal.
The SVR capacitor (C6) has also to be connected to the signal GND.
Supply filtering elements (C7, C8) have naturally to be connected to the power-ground and
located as close as possible to the Vs pins.
Pin 1, which is mechanically attached to the device’s tab, needs to be tied to the cleanest
power ground point in the pc-board, which is generally near the supply filtering capacitors.
The exposed pad package doesn't require any particular care compared to the ST standard
flexiwatt package. For particular PCB configurations, in order to maximize the rejection
against any disturbances coming from the battery line (SVR), it is suggested to use one of
the following IC metal slug (heat-sink) connections:
leave the slug simply electrically isolated from the PCB ground;
in case of 2 layers board, connect the slug to the PCB power ground (P-GND) and not
to the signal ground (S-GND);
in case of a PCB with a layer dedicated to grounding (wide / diffused GND area with no
distinction between P-GND and S-GND) connect the slug to the common board
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com