Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTS2001 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FTS2001
Description  DC-DC Converter Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTS2001 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FTS2001 Datasheet HTML 1Page - Sanyo Semicon Device FTS2001 Datasheet HTML 2Page - Sanyo Semicon Device FTS2001 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FTS2001
No.5694-2/3
0.01
2
2
3
3
5
5
7
7
0.1
0.1
1.0
2
3
5
7
10
2
3
5
7
100
2
3
5
7
0.01
0.1
2
3
5
7
1.0
2
3
5
7
10
23 5 7 1.0 23 5 7 10
23
5 7 100
0
0.1
1
2
3
4
5
6
7
8
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.2
1
2
3
4
5
6
7
10
9
8
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
20
30
40
50
60
0
0
123456789
10
-60
-40
10
20
30
40
50
80
70
60
0
-20
0
20
40
60
80
100
120
140
I D - VDS
I D - VGS
RDS(on) - Tc
RDS(on) - VGS
| yfs | - I D
I F - VSD
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS – V
Gate-to-Source Voltage, VGS – V
Case Temperature, Tc –˚C
Diode Forward Voltage, VSD –V
1.5V
VGS=1V
ID=2A,V
GS=2.5V
ID=5A,
VGS=4V
VDS=10V
ID=5A
2A
Tc = 25˚C
VDS=10V
25˚C
75˚C
Ta
=-
25˚C
VGS=0
50
Ω
S
G
D
RL=2Ω
P.G
FTS2001
VOUT
VDD=10V
ID=5A
VIN
PW=10
µs
D.C.
≤1%
VIN
4V
0V
Switching Time Test Circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com