Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDP18N50 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDP18N50
Description  N-Channel UniFETTM MOSFET 500 V, 18 A, 265 mΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDP18N50 Datasheet(HTML) 2 Page - ON Semiconductor

  FDP18N50 Datasheet HTML 1Page - ON Semiconductor FDP18N50 Datasheet HTML 2Page - ON Semiconductor FDP18N50 Datasheet HTML 3Page - ON Semiconductor FDP18N50 Datasheet HTML 4Page - ON Semiconductor FDP18N50 Datasheet HTML 5Page - ON Semiconductor FDP18N50 Datasheet HTML 6Page - ON Semiconductor FDP18N50 Datasheet HTML 7Page - ON Semiconductor FDP18N50 Datasheet HTML 8Page - ON Semiconductor FDP18N50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2012
Semiconductor Components Industries, LLC.
November-2017, Rev 3
Publication Order Number:
FDPF18N50T/D
FDP18N50 / FDPF18N50 / FDPF18N50T
N-Channel UniFETTM MOSFET
500 V, 18 A, 265 m
Ω
Features
•RDS(on) = 220 mΩ (Typ.) @ VGS = 10 V, ID = 9 A
• Low Gate Charge (Typ. 45 nC)
• Low Crss (Typ. 25 pF)
• 100% Avalanche Tested
Applications
• LCD/LED/PDP TV
• Lighting
• Uninterruptible Power Supply
Description
UniFETTM
MOSFET is
ON Semiconductor’s high voltage
MOSFET family based on planar stripe and DMOS technology.
This MOSFET is tailored to reduce on-state resistance, and to
provide better switching performance and higher avalanche
energy strength. This device family is suitable for switching
power converter applications such as power factor correction
(PFC), flat panel display (FPD) TV power, ATX and electronic
lamp ballasts.
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FDP18N50
FDPF18N50 /
FDPF18N50T
Unit
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
18
10.8
18 *
10.8 *
A
A
IDM
Drain Current
- Pulsed
(Note 1)
72
72 *
A
VGSS
Gate-Source voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
945
mJ
IAR
Avalanche Current
(Note 1)
18
A
EAR
Repetitive Avalanche Energy
(Note 1)
23.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate Above 25
°C
235
1.88
38.5
0.3
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
FDP18N50
FDPF18N50 /
FDPF18N50T
Unit
RθJC
Thermal Resistance, Junction-to-Case, Max.
0.53
3.3
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient, Max.
62.5
62.5
°C/W
* Drain current limited by maximum junction temperature
TO-220
G
DS
TO-220F
G
DS
G
S
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com