Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV5004LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAV5004LP
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV5004LP Datasheet(HTML) 3 Page - Diodes Incorporated

  BAV5004LP Datasheet HTML 1Page - Diodes Incorporated BAV5004LP Datasheet HTML 2Page - Diodes Incorporated BAV5004LP Datasheet HTML 3Page - Diodes Incorporated BAV5004LP Datasheet HTML 4Page - Diodes Incorporated BAV5004LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAV5004LP
Document number: DS32181 Rev. 6 - 3
3 of 5
www.diodes.com
September 2021
© Diodes Incorporated
BAV5004LP
400
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
200
100
300
0
500
0
30
60
90
120
150
1,000
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0
0.2
0.4
0.6
0.8
1.0
1.4
1.2
100
10
1
0.1
0.01
0.001
T = 25 C
J
°
T = 5 C
J
-5 °
T = 8 C
J
°
5
T = 12 C
J
°
5
T = 1 0 C
J
°
5
100,000
10,000
1,000
100
10
1
0.1
0
50 100 150 200 250 300 350 400
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
T = 25 C
A
°
T = -55 C
A
°
T = 8 C
A
°
5
T = 12 C
A
°
5
T = 1 0 C
A
°
5
0.5
0.6
0.7
0.8
0.9
1
10
100
1.0
V , DC REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance vs. Reverse Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com