Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV5004WS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAV5004WS
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV5004WS Datasheet(HTML) 2 Page - Diodes Incorporated

  BAV5004WS Datasheet HTML 1Page - Diodes Incorporated BAV5004WS Datasheet HTML 2Page - Diodes Incorporated BAV5004WS Datasheet HTML 3Page - Diodes Incorporated BAV5004WS Datasheet HTML 4Page - Diodes Incorporated BAV5004WS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAV5004WS
Document number: DS30733 Rev. 4 - 3
2 of 5
www.diodes.com
September 2021
© Diodes Incorporated
BAV5004WS
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5) (See figure 1)
PD
200
mW
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
400
–
–
V
IR = 150A
Forward Voltage
VF
–
–
–
–
0.93
1.09
1.29
V
IF = 20mA
IF = 100mA
IF = 200mA
Reverse Current (Note 6)
IR
–
–
–
1
100
μA
μA
VR = 240V
VR = 240V, TJ = +150°C
Total Capacitance
CT
–
0.9
2.5
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
–
–
50
ns
IF = IR = 30mA,
Irr = 3.0mA, RL = 100Ω
Notes:
5. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com