Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL8N65M2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STL8N65M2
Description  N-channel 650 V, 1 typ., 4 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8N65M2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STL8N65M2 Datasheet HTML 7Page - STMicroelectronics STL8N65M2 Datasheet HTML 8Page - STMicroelectronics STL8N65M2 Datasheet HTML 9Page - STMicroelectronics STL8N65M2 Datasheet HTML 10Page - STMicroelectronics STL8N65M2 Datasheet HTML 11Page - STMicroelectronics STL8N65M2 Datasheet HTML 12Page - STMicroelectronics STL8N65M2 Datasheet HTML 13Page - STMicroelectronics STL8N65M2 Datasheet HTML 14Page - STMicroelectronics STL8N65M2 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
4.2
PowerFLAT 5x6 packing information
Figure 21. PowerFLAT 5x6 tape (dimensions are in mm)
(I) Measured from centreline of sprocket hole
to centreline of pocket.
(II) Cumulative tolerance of 10 sprocket
holes is ±0.20.
(III) Measured from centreline of sprocket
hole to centreline of pocket
Base and bulk quantity 3000 pcs
All dimensions are in millimeters
8234350_Tape_rev_C
Figure 22. PowerFLAT 5x6 package orientation in carrier tape
Pin 1
identification
STL8N65M2
PowerFLAT 5x6 packing information
DS13016 - Rev 1
page 11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com