Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP33N60DM6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP33N60DM6
Description  N-channel 600 V, 115 m typ., 25 A, MDmesh™ DM6 Power MOSFET in a TO‑220 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP33N60DM6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP33N60DM6 Datasheet HTML 1Page - STMicroelectronics STP33N60DM6 Datasheet HTML 2Page - STMicroelectronics STP33N60DM6 Datasheet HTML 3Page - STMicroelectronics STP33N60DM6 Datasheet HTML 4Page - STMicroelectronics STP33N60DM6 Datasheet HTML 5Page - STMicroelectronics STP33N60DM6 Datasheet HTML 6Page - STMicroelectronics STP33N60DM6 Datasheet HTML 7Page - STMicroelectronics STP33N60DM6 Datasheet HTML 8Page - STMicroelectronics STP33N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2
3
TO-220
TAB
D(2, TAB)
G(1)
S(3)
AM01475V1
Features
Order code
VDS
RDS(on) max.
ID
STP33N60DM6
600 V
128 mΩ
25 A
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
•
High-creepage package
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation, DM6
combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STP33N60DM6
Product summary
Order code
STP33N60DM6
Marking
33N60DM6
Package
TO-220
Packing
Tube
N-channel 600 V, 115 mΩ typ., 25 A, MDmesh™ DM6 Power MOSFET
in a TO
‑220 package
STP33N60DM6
Datasheet
DS12878 - Rev 3 - May 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STP33N60DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP33N60DM2 STMICROELECTRONICS-STP33N60DM2 Datasheet
1Mb / 20P
N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in D²PAK, TO-220 and TO-247 packages
November 2015 Rev 2
More results

Similar Description - STP33N60DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF26N60DM6 STMICROELECTRONICS-STF26N60DM6 Datasheet
280Kb / 12P
N-channel 600 V, 165 mΩ typ., 18 A, MDmesh DM6 Power MOSFET in a TO-220FP package
10-Sep-2020
STP24N60M6 STMICROELECTRONICS-STP24N60M6 Datasheet
268Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-220 package
01-Aug-2018
STP33N60M6 STMICROELECTRONICS-STP33N60M6 Datasheet
256Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220 package
July 2018 Rev 2
STP50N65DM6 STMICROELECTRONICS-STP50N65DM6 Datasheet
248Kb / 11P
N-channel 650 V, 74 m typ., 33 A, MDmesh DM6 Power MOSFET in a TO-220 package
28-Jul-2020
STF22N60DM6 STMICROELECTRONICS-STF22N60DM6 Datasheet
266Kb / 12P
N-channel 600 V, 200 m typ., 15 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
15-Sep-2020
STF33N60DM6 STMICROELECTRONICS-STF33N60DM6 Datasheet
264Kb / 12P
N-channel 600 V, 115 m typ., 25 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
01-Jul-2020
STF33N60M6 STMICROELECTRONICS-STF33N60M6 Datasheet
255Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
18-Jul-2018
STL22N60DM6 STMICROELECTRONICS-STL22N60DM6 Datasheet
347Kb / 14P
N-channel 600 V, 220 m typ., 13 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
08-Feb-2022
STO67N60DM6 STMICROELECTRONICS-STO67N60DM6 Datasheet
1Mb / 15P
N-channel 600 V, 48 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑LL package
08-Jun-2021
STB33N60DM6 STMICROELECTRONICS-STB33N60DM6 Datasheet
424Kb / 14P
N-channel 600 V, 115 mΩ typ., 25 A, MDmesh DM6 Power MOSFET in a D2PAK package
02-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com