Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP35N65DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP35N65DM2
Description  N-channel 650 V, 0.093 typ., 32 A MDmesh™ DM2 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP35N65DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STP35N65DM2 Datasheet HTML 1Page - STMicroelectronics STP35N65DM2 Datasheet HTML 2Page - STMicroelectronics STP35N65DM2 Datasheet HTML 3Page - STMicroelectronics STP35N65DM2 Datasheet HTML 4Page - STMicroelectronics STP35N65DM2 Datasheet HTML 5Page - STMicroelectronics STP35N65DM2 Datasheet HTML 6Page - STMicroelectronics STP35N65DM2 Datasheet HTML 7Page - STMicroelectronics STP35N65DM2 Datasheet HTML 8Page - STMicroelectronics STP35N65DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
December 2017
DocID030872 Rev 2
1/13
This is information on a product in full production.
www.st.com
STP35N65DM2
N-
channel 650 V, 0.093 Ω typ., 32 A MDmesh™ DM2
Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on)
max.
ID
PTOT
STP35N65DM2
650
V
0.110 Ω
32
A
250
W
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part
of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STP35N65DM2
35N65DM2
TO-220
Tube
1
2
3
TO-220
TAB


Similar Part No. - STP35N65DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP35N65M5 STMICROELECTRONICS-STP35N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.085 廓, 27 A, MDmesh??V Power MOSFET in D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
06-Oct-2011
logo
Inchange Semiconductor ...
STP35N65M5 ISC-STP35N65M5 Datasheet
301Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP35N65DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW50N65DM2AG STMICROELECTRONICS-STW50N65DM2AG Datasheet
768Kb / 12P
Automotive-grade N-channel 650 V, 0.070 Ω typ., 38 A Power MOSFET MDmesh™ DM2 in a TO-247 package
09-Jul-2015
STW56N65DM2 STMICROELECTRONICS-STW56N65DM2 Datasheet
719Kb / 12P
N-channel 650 V, 0.058 Ω typ., 48 A MDmesh™ DM2 Power MOSFET in a TO-247 package
15-Sep-2015
STP11N60DM2 STMICROELECTRONICS-STP11N60DM2 Datasheet
716Kb / 12P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220 package
17-Jun-2016
STP13N60DM2 STMICROELECTRONICS-STP13N60DM2 Datasheet
458Kb / 13P
N-channel 600 V, 0.310 Ω typ., 11 A MDmesh™ DM2 Power MOSFET in a TO-220 package
November 2018
STP26N65DM2 STMICROELECTRONICS-STP26N65DM2 Datasheet
269Kb / 13P
N-channel 650 V, 0.156 Ω typ., 20 A, MDmesh™ DM2 Power MOSFET in a TO-220 package
July 2018 Rev 1
STP50N65DM6 STMICROELECTRONICS-STP50N65DM6 Datasheet
248Kb / 11P
N-channel 650 V, 74 m typ., 33 A, MDmesh DM6 Power MOSFET in a TO-220 package
28-Jul-2020
STW35N65DM2 STMICROELECTRONICS-STW35N65DM2 Datasheet
262Kb / 12P
N-channel 650 V, 93 m typ., 32 A MDmesh DM2 Power MOSFET in a TO-247 package
31-Aug-2020
STF18N65DM2 STMICROELECTRONICS-STF18N65DM2 Datasheet
234Kb / 12P
N-channel 650 V, 231 m typ., 12 A, MDmesh DM2 Power MOSFET in a TO-220FP package
10-May-2021
STF35N65DM2 STMICROELECTRONICS-STF35N65DM2 Datasheet
702Kb / 13P
N-channel 650 V, 0.093 typ., 32 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
December 2017 Rev 2
STF6N60DM2 STMICROELECTRONICS-STF6N60DM2 Datasheet
298Kb / 12P
N-channel 600 V, 0.95 typ., 5 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
16-Mar-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com