Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWA50N65DM2AG Datasheet(PDF) 12 Page - STMicroelectronics

Part # STWA50N65DM2AG
Description  Automotive-grade N-channel 650 V, 0.070 typ., 38 A Power MOSFET MDmesh™ DM2 in TO-247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA50N65DM2AG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STWA50N65DM2AG Datasheet HTML 4Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 5Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 6Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 7Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 8Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 9Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 10Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 11Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
STWA50N65DM2AG
12/12
DocID030213 Rev 2
IMPORTANT NOTICE
– PLEASE READ CAREFULLY
STMicroelectronics NV and its subsidiaries (“ST”) reserve the right to make changes, corrections, enhancements, modifications, and
improvements to ST products and/or to this document at any time without notice. Purchasers should obtain the latest relevant information on ST
products before placing orders. ST products are sold pursuant to ST’s terms and conditions of sale in place at the time of order
acknowledgement.
Purchasers are solely responsible for the choice, selection, and use of ST products and ST assumes no liability for application assistance or the
design of Purchasers’ products.
No license, express or implied, to any intellectual property right is granted by ST herein.
Resale of ST products with provisions different from the information set forth herein shall void any warranty granted by ST for such product.
ST and the ST logo are trademarks of ST. All other product or service names are the property of their respective owners.
Information in this document supersedes and replaces information previously supplied in any prior versions of this document.
© 2017 STMicroelectronics
– All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com